Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2497-A Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2497-A
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497-A Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2497-A Datasheet HTML 3Page - Monolithic Power Systems MP2497-A Datasheet HTML 4Page - Monolithic Power Systems MP2497-A Datasheet HTML 5Page - Monolithic Power Systems MP2497-A Datasheet HTML 6Page - Monolithic Power Systems MP2497-A Datasheet HTML 7Page - Monolithic Power Systems MP2497-A Datasheet HTML 8Page - Monolithic Power Systems MP2497-A Datasheet HTML 9Page - Monolithic Power Systems MP2497-A Datasheet HTML 10Page - Monolithic Power Systems MP2497-A Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MP2497-A – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497-A Rev. 1.0
www.MonolithicPower.com
7
5/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
BLOCK DIAGRAM
REGULATOR
REFERENCE
63mΩ
CURRENT SENSE
AMPLIFIER
REGULATOR
DRIVER
Σ
OSCILLATOR
RAMP
PWM
COMPARATOR
72.8pF
2483kΩ
6pF
CLK
ERRPR
AMPLIFIER
RSENSE
1.23V
OVP
COMPARATOR
Hiccup
Current Limit
600mV
10000kΩ
10pF
400kΩ
R1
R2
200mV
IN
X 6
RS1
RS2
800mV
SS Circuit
6.2uA
Figure 1—Functional Block Diagram


Similar Part No. - MP2497-A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DN MPS-MP24971DN Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DS MPS-MP24971DS Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP2497DN MPS-MP2497DN Datasheet
450Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP2497-A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497 MPS-MP2497 Datasheet
450Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
EV4570-F-00A MPS-EV4570-F-00A Datasheet
442Kb / 9P
   3A, 55V, Frequency programmable Step-Down Converter
EV4570-F-01A MPS-EV4570-F-01A Datasheet
521Kb / 9P
   3A, 55V, Frequency Programmable Step-Down Converter
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
   2A, 55V, 100kHz Step-Down Converter
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com