Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2497DS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP2497DS
Description  3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2497DS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP2497DS Datasheet HTML 6Page - Monolithic Power Systems MP2497DS Datasheet HTML 7Page - Monolithic Power Systems MP2497DS Datasheet HTML 8Page - Monolithic Power Systems MP2497DS Datasheet HTML 9Page - Monolithic Power Systems MP2497DS Datasheet HTML 10Page - Monolithic Power Systems MP2497DS Datasheet HTML 11Page - Monolithic Power Systems MP2497DS Datasheet HTML 12Page - Monolithic Power Systems MP2497DS Datasheet HTML 13Page - Monolithic Power Systems MP2497DS Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MP2497 – 3A, 50V, 100kHz STEP-DOWN CONVERTER
MP2497 Rev. 1.12
www.MonolithicPower.com
11
12/22/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Programming the Short Circuit Current Limit
The hiccup current limit at output short
condition can be programmed to be lower by
external resisters (RS1, RS2, RS1=RS2), as shown
in figure 4.
When output voltage is lower than 200mV, the
current limit is described by:
OUT _ SL
SENSE
S1
I
R
6.2 A R
100mV
×+
μ ×
=
(14)
The current limit at output short condition is:
S1
OUT _ SL
SENSE
100mV 6.2 A R
I
R
−μ ×
=
(15)
SW
ISP
ISN
RSENSE
RS1
RS2
200mV
6.2uA
Figure 4—Short Circuit Current Limit
PC Board Layout
The high frequency path (IN, SW and GND)
should be placed very close to the device with
short, direct and wide traces. The input
capacitor needs to be as close as possible to
the IN and GND pins. The external feedback
resistors should be placed next to the FB pin.
Keep the switching node SW short and away
from the feedback network.
External Bootstrap Diode
It is recommended that an external bootstrap
diode be added when the system has a 5V
fixed input or the power supply generates a 5V
output. This helps improve the efficiency of the
regulator. The bootstrap diode can be a low
cost one such as IN4148 or BAT54.
This diode is also recommended for high duty
cycle operation (when
O U T
I N
V
V
>65%) and high
output voltage (VOUT>12V) applications.
MP2497
BS
SW
10nF
5V
Figure 5—External Bootstrap Diode
Design Example
Below is a design example following the
application guidelines for the specifications:
VIN
8 to 50V
VOUT
5V
VOVP
6V
FSW
100kHz
IOUT-L
3A
The detailed application schematic is shown in
Figure 6.
The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
possible applications of this device, please refer
to related Evaluation Board Data Sheets.


Similar Part No. - MP2497DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DN MPS-MP24971DN Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP24971DS MPS-MP24971DS Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
MP2497GN-A MPS-MP2497GN-A Datasheet
606Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP2497DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2497-A MPS-MP2497-A Datasheet
606Kb / 14P
   3A, 50V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP24971 MPS-MP24971 Datasheet
420Kb / 14P
   1.5A, 50V, 100kHz, 5V Fixed Output Step- Down Converter with Programmable Current Limit and Output Line-Drop Compensation
EV4570-F-00A MPS-EV4570-F-00A Datasheet
442Kb / 9P
   3A, 55V, Frequency programmable Step-Down Converter
EV4570-F-01A MPS-EV4570-F-01A Datasheet
521Kb / 9P
   3A, 55V, Frequency Programmable Step-Down Converter
MP2494 MPS-MP2494 Datasheet
427Kb / 11P
   2A, 55V, 100kHz Step-Down Converter
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
logo
Microsemi Corporation
LX7169 MICROSEMI-LX7169 Datasheet
511Kb / 9P
   3A Step-Down Converter
Rev. 1.1
logo
Linear Technology
LT3430 LINER-LT3430_15 Datasheet
332Kb / 28P
   High Voltage, 3A, 200kHz/100kHz Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com