Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2494DS Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP2494DS
Description  2A, 55V, 100kHz Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2494DS Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP2494DS Datasheet HTML 3Page - Monolithic Power Systems MP2494DS Datasheet HTML 4Page - Monolithic Power Systems MP2494DS Datasheet HTML 5Page - Monolithic Power Systems MP2494DS Datasheet HTML 6Page - Monolithic Power Systems MP2494DS Datasheet HTML 7Page - Monolithic Power Systems MP2494DS Datasheet HTML 8Page - Monolithic Power Systems MP2494DS Datasheet HTML 9Page - Monolithic Power Systems MP2494DS Datasheet HTML 10Page - Monolithic Power Systems MP2494DS Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP2494 –2A, 55V, 100kHz STEP-DOWN CONVERTER
MP2494 Rev. 1.0
www.MonolithicPower.com
7
4/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Main Control Loop
The MP2494 is a current mode buck regulator.
That is, the EA output voltage is proportional to
the peak inductor current.
At the beginning of a cycle SW is off; the EA
output voltage is higher than the current sense
amplifier output; and the current comparator’s
output is low. The rising edge of the 100kHz
CLK signal sets the RS Flip-Flop. Its output
turns on SW thus connecting the SW pin and
inductor to the input supply.
The increasing inductor current is sensed and
amplified by the Current Sense Amplifier. Ramp
compensation is summed to Current Sense
Amplifier output and compared to the Error
Amplifier output by the Current Comparator.
When the Current Sense Amplifier plus Slope
Compensation signal exceeds the EA output
voltage, the RS Flip-Flop is reset and the
MP2494 reverts to its initial SW off state.
If the Current Sense Amplifier plus Slope
Compensation signal does not exceed the
COMP voltage, then the falling edge of the CLK
resets the Flip-Flop.
The output of the Error Amplifier integrates the
voltage difference between the feedback and
the 0.8V bandgap reference. The polarity is
such that an FB pin voltage lower than 0.8V
increases the EA output voltage. Since the EA
output voltage is proportional to the peak
inductor current, an increase in its voltage
increases current delivered to the output. An
external Schottky Diode (D1) carries the
inductor current when SW is off.
Enable Control
The MP2494 has an Enable control pin (EN).
Drive EN above 1.8V to turn on the MP2494.
Drive EN below 0.4V to turn it off. Tie EN to VIN
for automatic start up.


Similar Part No. - MP2494DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943DN MPS-MP24943DN Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
MP24943DS MPS-MP24943DS Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
More results

Similar Description - MP2494DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2492 MPS-MP2492 Datasheet
588Kb / 11P
   2A, 55V, 100kHz Step-Down Converter with Programmable Output Current Limit
MP4560 MPS-MP4560 Datasheet
414Kb / 19P
   2A, 2MHz, 55V Step-Down Converter
EVQ4560-N-00A MPS-EVQ4560-N-00A Datasheet
711Kb / 7P
   2A, 55V, 2MHz Step-Down Converter Evaluation Board
EVQ4560-Q-00A MPS-EVQ4560-Q-00A Datasheet
665Kb / 7P
   2A, 55V, 2MHz Step-Down Converter Evaluation Board
MPQ4560-AEC1 MPS-MPQ4560-AEC1 Datasheet
1Mb / 21P
   Industrial-Grade, 2A, 2MHz, 55V Step-Down Converter
MP24943 MPS-MP24943 Datasheet
638Kb / 13P
   3A, 55V, 100kHz Step-Down Converter with Programmable Output OVP Threshold
logo
Skyworks Solutions Inc.
AAT1153 SKYWORKS-AAT1153 Datasheet
1Mb / 19P
   2A Step-Down Converter
logo
Advanced Analogic Techn...
AAT1153 ANALOGICTECH-AAT1153_08 Datasheet
685Kb / 19P
   2A Step-Down Converter
AAT1153 ANALOGICTECH-AAT1153 Datasheet
692Kb / 20P
   2A Step-Down Converter
logo
Microsemi Corporation
LX3005 MICROSEMI-LX3005 Datasheet
104Kb / 3P
   2A STEP-DOWN CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com