Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF-RL50 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CMF-RL50
Description  Telecom CPTC Resettable Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CMF-RL50 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CMF-RL50 Datasheet HTML 1Page - Bourns Electronic Solutions CMF-RL50 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Radial leaded devices
Aids compliance with:
- ITU-T K.20/21/45
- Telcordia GR-1089-CORE
- UL 60950, 3rd Ed.
Narrow resistance tolerance
Agency recognition:
RoHS compliant*
Applications
Used as a secondary overcurrent protection
device in:
Customer Premise Equipment (CPE)
Central Office (CO)
Access equipment
CMF-RL Series - Telecom CPTC Resettable Fuses
*RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Test Procedures And Requirements For Model CMF-RL Series
Primary
Test
Protection
Test Condition
Requirements*
Mains Power Contact - ITU-T K.20, K.21 .... None .............. 230 V rms, 10 ohms, 15 Min. ..................................................... (Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21............. None .............. 600V rms, 600 ohms, 0.2 seconds, 10 cycles, every 1 Min....... (Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21............. GDT ............... 600 V rms, 600 ohms, 1 second, 10 cycles, every 1 Min. ......... (Ri-Rf) / Ri < ±10 %
Power Induction - ITU-T K.20, K.21............. GDT ............... 600 V rms, 200 ohms, 1 second, 10 cycles, every 1 Min. ......... (Ri-Rf) / Ri < ±10 %
Lightning Surge - ITU-T K.20, K.21 ..................................... 10/700
μs, 25 ohms, 1.0 kV, 10 Tests, every 1 Min. .................(Ri-Rf) / Ri < ±10 %
Lightning Surge ................................................................... 10/1000
μs, 40 ohms, 1.0 kV, 30 Tests, every 3 Min. ...............(Ri-Rf) / Ri < ±10 %
Ri = R initial
Rf = R final
Test
Model
Test Condition
Passing Criteria
UL 1950 ..........................................CMF-RL50* ................. 600 V / 2.2 A for 30 minutes..............................No charring cheesecloth indicator
600 V / 7 A for 5 seconds
600 V / 40 A for 1.5 seconds
*For other models, please contact Bourns.
UL File Number ........................................... E307915 ....... http://www.ul.com/ Follow link to Certifications, then UL File No., enter E307915
Electrical Characteristics
Model
Induction
Voltage
Withstand
Rated
Voltage
Rated
Resistance
(RN)
Packaging
Resistance
Matching
Hold
Current
Trip
Current
Imax @
220 VAC
Time to Trip
@ Imax / 220
VAC
VAC
Volts
Ohms
Tolerance
Ohms
@ 25 °C
Amps
@ 25 °C
Amps
@ 25 °C
Amps
@ 25 °C
Seconds
@ 25 °C
CMF-RL10
600
220
10
±20 %
± 0.5
0.15
0.30
3
≤ 0.45
CMF-RL10-10
600
220
10
±10 %
± 0.5
0.15
0.30
3
≤ 0.45
CMF-RL25
600
220
25
±20 %
± 0.5
0.100
0.200
3
≤ 0.3
CMF-RL25U
600
220
25
±20 %
± 0.5
0.060
0.150
0.9
≤ 0.25
CMF-RL35
600
220
35
±20 %
± 0.5
0.075
0.150
3
≤ 0.15
CMF-RL35-10
600
220
35
±10 %
± 0.5
0.075
0.150
3
≤ 0.15
CMF-RL35A
600
220
35
±10 %
± 0.5
0.075
0.150
3
≤ 0.15
CMF-RL35A-10
600
220
35
±10 %
± 0.5
0.075
0.150
3
≤ 0.15
CMF-RL50
600
220
50
±20 %
± 0.5
0.065
0.150
3
≤ 0.15
CMF-RL50-10
600
220
50
±10 %
± 0.5
0.065
0.150
3
≤ 0.15
CMF-RL50A
600
220
50
±20 %
± 0.5
0.050
0.100
3
≤ 0.1
CMF-RL50A-10
600
220
50
±10 %
± 0.5
0.050
0.100
3
≤ 0.1
CMF-RL55
600
220
55
±20 %
± 0.5
0.065
0.150
3
≤ 0.15
CMF-RL55-10
600
220
55
±10 %
± 0.5
0.065
0.150
3
≤ 0.15
CMF-RL55A
600
220
55
±20 %
± 0.5
0.050
0.100
3
≤ 0.1
CMF-RL55A-10
600
220
55
±10 %
± 0.5
0.050
0.100
3
≤ 0.1
How to Order
CMF - RL 50 __ A -10 - 0
Product Designator
Style
RL = Telecom Radial Leaded CPTC
Rated Resistance (RN)
10-55 (10 Ohms - 55 Ohms)
Uncoated Option
U = Uncoated Part
Blank = Standard Part
Size Option
A = Reduced Size
Blank = Standard Size
Rated Resistance Tolerance
-10 = ±10 %
Blank = ±20 % (Standard)
Packaging Options
- 0 = Bulk Packaging - Plastic Tray
Alternative tolerances, resistances and lead lengths available on request.
Typical Part Marking
Represents total content. Layout may vary.
506G
MANUFACTURER'S
TRADEMARK
PART
IDENTIFICATION:
10 = CMF-RL10
25 = CMF-RL25
25U = CMF-RL25U
35 = CMF-RL35
50 = CMF-RL50
55 = CMF-RL55
10K = CMF-RL10-10
35K = CMF-RL35-10
50K = CMF-RL50-10
55K = CMF-RL55-10
35A = CMF-RL35A
50A = CMF-RL50A
55A = CMF-RL55A
35AK = CMF-RL35A-10
50AK = CMF-RL50A-10
55AK = CMF-RL55A-10
NOTE:
UNCOATED PARTS ARE UNMARKED.
YEAR CODE:
6 = 2006
BI-WEEKLY
DATE CODE:
WEEK 13-14 = G
Operating Temperature Range: -40°C to +125 °C


Similar Part No. - CMF-RL50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RLC50-10 BOURNS-CMF-RLC50-10 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RLC50-10 BOURNS-CMF-RLC50-10 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
More results

Similar Description - CMF-RL50

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CMF-RD50 BOURNS-CMF-RD50 Datasheet
246Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SDP07 BOURNS-CMF-SDP07 Datasheet
371Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-SD BOURNS-CMF-SD Datasheet
334Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RQ50 BOURNS-CMF-RQ50 Datasheet
362Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-SD10 BOURNS-CMF-SD10 Datasheet
246Kb / 3P
   Telecom CPTC Resettable Fuses
CMF-RLC50 BOURNS-CMF-RLC50 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RD50-10-0 BOURNS-CMF-RD50-10-0 Datasheet
246Kb / 2P
   Telecom CPTC Resettable Fuses
CMF-RLC50-10-0 BOURNS-CMF-RLC50-10-0 Datasheet
235Kb / 1P
   Telecom CPTC Resettable Fuses
CMF-RQ50-10-0 BOURNS-CMF-RQ50-10-0 Datasheet
362Kb / 2P
   Telecom CPTC Resettable Fuses
MF-SD013 BOURNS-MF-SD013_11 Datasheet
331Kb / 3P
   Telecom PTC Resettable Fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com