Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24LC21AT-I Datasheet(PDF) 10 Page - Microchip Technology

Part # 24LC21AT-I
Description  1K 2.5V Dual Mode I2C Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21AT-I Datasheet(HTML) 10 Page - Microchip Technology

Back Button 24LC21AT-I Datasheet HTML 6Page - Microchip Technology 24LC21AT-I Datasheet HTML 7Page - Microchip Technology 24LC21AT-I Datasheet HTML 8Page - Microchip Technology 24LC21AT-I Datasheet HTML 9Page - Microchip Technology 24LC21AT-I Datasheet HTML 10Page - Microchip Technology 24LC21AT-I Datasheet HTML 11Page - Microchip Technology 24LC21AT-I Datasheet HTML 12Page - Microchip Technology 24LC21AT-I Datasheet HTML 13Page - Microchip Technology 24LC21AT-I Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
24LC21A
DS21160F-page 10
 2003 Microchip Technology Inc.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
VCLK WRITE ENABLE TIMING
FIGURE 4-3:
PAGE WRITE
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
CONTROL
BYTE
WORD
ADDRESS
DATA
S
T
O
P
S
T
A
R
T
A
C
K
SP
A
C
K
A
C
K
VCLK
SCL
SDA
IN
VCLK
THD:STA
THD:STO
TVHST
TSPVL
SDA LINE
CONTROL
BYTE
WORD
ADDRESS
S
T
O
P
S
T
A
R
T
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K
DATA n + 1
DATA n + 7
DATA (n)
P
S
VCLK
BUS ACTIVITY
MASTER
BUS ACTIVITY


Similar Part No. - 24LC21AT-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21AT-I MICROCHIP-24LC21AT-I Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I-P MICROCHIP-24LC21AT-I-P Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I-SN MICROCHIP-24LC21AT-I-SN Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LC21AT-I/P MICROCHIP-24LC21AT-I/P Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-I/SN MICROCHIP-24LC21AT-I/SN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
More results

Similar Description - 24LC21AT-I

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC21 MICROCHIP-24LC21_13 Datasheet
379Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC21A MICROCHIP-24LC21A Datasheet
180Kb / 18P
   1K 2.5V Dual Mode I2C Serial EEPROM
07/28/03
24LCS21A MICROCHIP-24LCS21A_05 Datasheet
349Kb / 20P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2005
24LC21 MICROCHIP-24LC21_04 Datasheet
306Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
2004
24LC21T MICROCHIP-24LC21T Datasheet
236Kb / 24P
   1K 2.5V Dual Mode I2C Serial EEPROM
05/28/04
24LC21A MICROCHIP-24LC21A_08 Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LC21AT-ISN MICROCHIP-24LC21AT-ISN Datasheet
357Kb / 26P
   1K 2.5V Dual Mode I2C??Serial EEPROM
2008
24LCS21 MICROCHIP-24LCS21_13 Datasheet
240Kb / 24P
   1K 2.5V Dual Mode I2C??Serial EEPROM
10/26/12
24LC41 MICROCHIP-24LC41_04 Datasheet
139Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2004
24LC41A MICROCHIP-24LC41A Datasheet
233Kb / 18P
   1K/4K 2.5V Dual Mode, Dual Port I2C??Serial EEPROM
2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com