Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATS612JSB Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # ATS612JSB
Description  ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS612JSB Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button ATS612JSB Datasheet HTML 4Page - Allegro MicroSystems ATS612JSB Datasheet HTML 5Page - Allegro MicroSystems ATS612JSB Datasheet HTML 6Page - Allegro MicroSystems ATS612JSB Datasheet HTML 7Page - Allegro MicroSystems ATS612JSB Datasheet HTML 8Page - Allegro MicroSystems ATS612JSB Datasheet HTML 9Page - Allegro MicroSystems ATS612JSB Datasheet HTML 10Page - Allegro MicroSystems ATS612JSB Datasheet HTML 11Page - Allegro MicroSystems ATS612JSB Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ATS632LSC
HALL-EFFECT
GEAR-TOOTH SENSOR
SUBASSEMBLY
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
DIMENSIONS IN MILLIMETERS
Tolerances unless otherwise specified: 1 place
±0.1 mm, 2 places ±0.05 mm.
Dwg. MH-020 mm
5.0
1.5 TYP
1.0
TYP
6.0
4.9
10.0
MAX
5.0
6.6
11.0 Ø
0.8
27.5
GATE
PROTRUSION
0.3 MAX
1.0 Ø
PLATED THRU
TYP


Similar Part No. - ATS612JSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612JSB ALLEGRO-ATS612JSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS612JSB ALLEGRO-ATS612JSB Datasheet
214Kb / 16P
   TRUE ZERO-SPEED, HALL-EFFECT ADAPTIVE GEAR-TOOTH SENSOR
More results

Similar Description - ATS612JSB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ATS632LSA ALLEGRO-ATS632LSA Datasheet
118Kb / 12P
   ZERO-SPEED, SELF-CALIBRATING, NON-ORIENTED, HALL-EFFECT GEAR-TOOTH SENSOR
ATS640JSB ALLEGRO-ATS640JSB Datasheet
96Kb / 4P
   TRUE ZERO-SPEED, SELF-CALIBRATING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR FOR TWO-WIRE APPLICATIONS
ATS622LSB ALLEGRO-ATS622LSB Datasheet
153Kb / 12P
   TRUE ZERO-SPEED HALL-EFFECT GEAR-TOOTH SENSOR
ATS612JSB ALLEGRO-ATS612JSB Datasheet
183Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB Datasheet
208Kb / 16P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS616LSG ALLEGRO-ATS616LSG Datasheet
444Kb / 14P
   Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
ATS616 ALLEGRO-ATS616 Datasheet
421Kb / 14P
   Dynamic Self-Calibrating Peak-Detecting Differential Hall Effect Gear Tooth Sensor
AATS643LSH ALLEGRO-AATS643LSH_06 Datasheet
388Kb / 16P
   Self-Calibrating, Zero-Speed Differential Gear Tooth Sensor with Continuous Update
ATS612LSG ALLEGRO-ATS612LSG Datasheet
415Kb / 15P
   DYNAMIC, SELF-CALIBRATING, PEAK-DETECTING, DIFFERENTIAL HALL-EFFECT GEAR-TOOTH SENSOR
ATS612LSB ALLEGRO-ATS612LSB_1 Datasheet
358Kb / 17P
   Dynamic, Self-Calibrating, Peak-Detecting, Differential Hall Effect Gear Tooth Sensor
April 27, 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com