Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

24AA04 Datasheet(PDF) 11 Page - Microchip Technology

Part # 24AA04
Description  4K I2C Serial EEPROM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24AA04 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 24AA04 Datasheet HTML 7Page - Microchip Technology 24AA04 Datasheet HTML 8Page - Microchip Technology 24AA04 Datasheet HTML 9Page - Microchip Technology 24AA04 Datasheet HTML 10Page - Microchip Technology 24AA04 Datasheet HTML 11Page - Microchip Technology 24AA04 Datasheet HTML 12Page - Microchip Technology 24AA04 Datasheet HTML 13Page - Microchip Technology 24AA04 Datasheet HTML 14Page - Microchip Technology 24AA04 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2007 Microchip Technology Inc.
DS21708G-page 11
24AA04/24LC04B
8.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 8-1.
TABLE 8-1:
PIN FUNCTION TABLE
8.1
Serial Address/Data Input/Output
(SDA)
SDA is a bidirectional pin used to transfer addresses
and data into and out of the device. Since it is an open-
drain terminal, the SDA bus requires a pull-up resistor
to VCC (typical 10 k
Ω for 100 kHz, 2 kΩ for 400 kHz).
For normal data transfer, SDA is allowed to change
only during SCL low. Changes during SCL high are
reserved for indicating Start and Stop conditions.
8.2
Serial Clock (SCL)
The SCL input is used to synchronize the data transfer
to and from the device.
8.3
Write-Protect (WP)
The WP pin must be connected to either VSS or VCC.
If tied to VSS, normal memory operation is enabled
(read/write the entire memory 000-1FF).
If tied to VCC, write operations are inhibited. The entire
memory will be write-protected. Read operations are
not affected.
This feature allows the user to use the 24XX04 as a
serial ROM when WP is enabled (tied to VCC).
8.4
A0, A1, A2
The A0, A1 and A2 pins are not used by the 24XX04.
They may be left floating or tied to either VSS or VCC.
Name
PDIP
SOIC
TSSOP
DFN
MSOP
SOT23
Description
A0
1
1
1
1
1
Not Connected
A1
2
2
2
2
2
Not Connected
A2
3
3
3
3
3
Not Connected
VSS
444
4
4
2
Ground
SDA
5
5
5
5
5
3
Serial Address/Data I/O
SCL
666
6
6
1
Serial Clock
WP
7
7
7
7
7
5
Write-Protect Input
VCC
8
8
8
8
8
4
+1.7V to 5.5V Power Supply


Similar Part No. - 24AA04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04 Datasheet
93Kb / 12P
   4K/8K 1.8V I2C Serial EEPROMs
1996
24AA04 MICROCHIP-24AA04 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24AA04 MICROCHIP-24AA04 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04-E/CS16K MICROCHIP-24AA04-E/CS16K Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA04-E/MC MICROCHIP-24AA04-E/MC Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
More results

Similar Description - 24AA04

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA04 MICROCHIP-24AA04_09 Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04B-ESN MICROCHIP-24LC04B-ESN Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24AA044 MICROCHIP-24AA044 Datasheet
931Kb / 32P
   4K I2C??Serial EEPROM
03/25/14
24AA04IP MICROCHIP-24AA04IP Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
02/04/09
24AA04 MICROCHIP-24AA04_07 Datasheet
418Kb / 26P
   4K I2C??Serial EEPROM
2007
24LC04BT-I-SNG MICROCHIP-24LC04BT-I-SNG Datasheet
663Kb / 34P
   4K I2C??Serial EEPROM
2009
24LC04BT-I MICROCHIP-24LC04BT-I Datasheet
419Kb / 26P
   4K I2C Serial EEPROM
12/08/06
logo
Asahi Kasei Microsystem...
AK6004A AKM-AK6004A_02 Datasheet
164Kb / 16P
   I2C bus 4K / 16Kbit Serial CMOS EEPROM
logo
Microchip Technology
34AA04 MICROCHIP-34AA04 Datasheet
666Kb / 36P
   4K I2C??Serial EEPROM with Software Write-Protect
03/25/14
logo
ACE Technology Co., LTD...
ACE34AC04 ACE-ACE34AC04 Datasheet
824Kb / 22P
   4K I2C Serial EEPROM with Software Write Protection
VER 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com