Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2303A Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2303A
Description  3A, 28V, 360kHz Synchronous Rectified Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2303A Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2303A Datasheet HTML 1Page - Monolithic Power Systems MP2303A Datasheet HTML 2Page - Monolithic Power Systems MP2303A Datasheet HTML 3Page - Monolithic Power Systems MP2303A Datasheet HTML 4Page - Monolithic Power Systems MP2303A Datasheet HTML 5Page - Monolithic Power Systems MP2303A Datasheet HTML 6Page - Monolithic Power Systems MP2303A Datasheet HTML 7Page - Monolithic Power Systems MP2303A Datasheet HTML 8Page - Monolithic Power Systems MP2303A Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP2303A – 3A, 28V, 360kHz SYNCHRONOUS RECTIFIED, STEP-DOWN CONVERTER
MP2303A Rev.1.1
www.MonolithicPower.com
4
7/25/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name Description
1
BS
High-Side Gate Drive Boost Input. BS supplies the drive for the high-side N-Channel MOSFET
switch. Connect a 0.01μF or greater capacitor from SW to BS to power the high side switch.
2
IN
Power Input. IN supplies the power to the IC, as well as the step-down converter switches.
Drive IN with a 4.7V to 28V power source. Bypass IN to GND with a suitably large capacitor to
eliminate noise on the input to the IC. See Input Capacitor.
3
SW
Power Switching Output. SW is the switching node that supplies power to the output. Connect
the output LC filter from SW to the output load. Note that a capacitor is required from SW to
BS to power the high-side switch.
4
GND
Ground (Connect Exposed Pad to Pin 4)
5
FB
Feedback Input. FB senses the output voltage to regulate that voltage. Drive FB with a
resistive voltage divider from the output voltage. The feedback threshold is 0.80V. See Setting
the Output Voltage
.
6
COMP
Compensation Node. COMP is used to compensate the regulation control loop. Connect a
series RC network from COMP to GND to compensate the regulation control loop. In some
cases, an additional capacitor from COMP to GND is required. See Compensation
Components.
7
EN
Enable Input. EN is a digital input that turns the regulator on or off. Drive EN high to turn on
the regulator, drive it low to turn it off. Connect EN with IN through a resistive voltage divider
for automatic startup. Do not float this pin.
8
SS
Soft-start Control Input. SS controls the soft-start period. Connect a capacitor from SS to GND
to set the soft-start period. A 0.1μF capacitor sets the soft-start period to 15ms. To disable the
soft-start feature, leave SS unconnected.


Similar Part No. - MP2303A

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
197Kb / 4P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303DN MPS-MP2303DN Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
More results

Similar Description - MP2303A

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
A5268 ANPEC-A5268 Datasheet
479Kb / 16P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
Rev.B.02
logo
Monolithic Power System...
MP2303 MPS-MP2303_06 Datasheet
388Kb / 14P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
EV2303DN-00A MPS-EV2303DN-00A Datasheet
197Kb / 4P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
MP2303 MPS-MP2303 Datasheet
348Kb / 12P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converter
logo
Analog Microelectronics
AME5268 AME-AME5268 Datasheet
203Kb / 20P
   3A, 28V, 340KHz Synchronous Rectified Step-Down Converte
logo
E-CMOS Corporation
EC3286 E-CMOS-EC3286 Datasheet
1,011Kb / 14P
   3A 32V Synchronous Rectified Step-Down Converter
logo
TECHCODE SEMICONDUCTOR,...
TD2786 TECHCODE-TD2786 Datasheet
606Kb / 16P
   3A 30V Synchronous Rectified Step-Down Converter
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
   3A 23V Synchronous Rectified Step-Down Converter
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
   3A, 23V, Synchronous Rectified Step-Down Converter
logo
Analog Microelectronics
AME5269 AME-AME5269 Datasheet
346Kb / 18P
   2A, 28V, 340KHz Synchronous Rectified Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com