Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS31223 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TS31223
Description  High Input Voltage Linear Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TS31223 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TS31223 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS31223 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
- 2 -
TS31023/223
Version 1.1
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
Triune Systems Proprietary & Confidential Information
DO NOT DUPLICATE
PIN-OUT CONFIGURATION
PIN #
NAME
I/O/P
DESCRIPTION
1
GND
P
Ground
2
VOUT
O
Regulated Output Voltage
3
N/C
No Connect
4
N/C
No Connect
5
N/C
No Connect
6
FB
I
Feedback Voltage
7
VIN
P
Input Voltage
8
EN
I
ENABLE Input
ABSOLUTE MAXIMUM RATINGS
Over operating free
–air temperature range unless otherwise noted
(1,2)
UNIT
VIN
-0.3 to 18 (TS31023)
-0.3 to 40 (TS31223)
V
VOUT
-0.3 to 18 (TS31023)
-0.3 to 40 (TS31223)
V
EN, FB
-0.3 to 6.0
V
Electrostatic Discharge
– Human Body Model
2
kV
Maximum junction temperature, TJ
150
C
Storage temperature range, Tstg
-65 to 150
C
Lead Temperature (soldering, 10 seconds)
260
C
Note 1: Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only,
and functional operation of the device at these or any other conditions beyond those i
ndicated under “recommended operating conditions” is
not implied. Exposure to absolute
–maximum–rated conditions for extended periods may affect device reliability.
Note 2: All voltage values are with respect to network ground terminal.
THERMAL CHARACTERISTICS
Package
DFN
JA (C/W)
(See Note 4)
JC (C/W)
(See Note 5)
8 pin
73.1
10.7
Note 4: This assumes a FR4 board only.
Note 5: This assumes a 1oz. Copper JEDEC standard board with thermal vias. See Exposed Pad section and application note for more information.


Similar Part No. - TS31223

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
TS31223 SEMTECH-TS31223 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
More results

Similar Description - TS31223

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS31023 ETC2-TS31023 Datasheet
1Mb / 16P
   High Input Voltage Linear Regulator
logo
Semtech Corporation
TS31023 SEMTECH-TS31023 Datasheet
2Mb / 15P
   High Input Voltage Linear Regulator
logo
Texas Instruments
TPS7A4001 TI1-TPS7A4001 Datasheet
569Kb / 17P
[Old version datasheet]   100V Input Voltage, 50mA, Very High Voltage LINEAR REGULATOR
logo
Supertex, Inc
LR8 SUTEX-LR8 Datasheet
601Kb / 11P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
LR12 SUTEX-LR12_13 Datasheet
1Mb / 10P
   High Input Voltage, Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715 Datasheet
510Kb / 24P
   High input voltage, 85 mA LDO linear regulator
logo
Supertex, Inc
LR645 SUTEX-LR645 Datasheet
322Kb / 4P
   High Input Voltage SMPS Start-up / Linear Regulator
logo
STMicroelectronics
ST715XX STMICROELECTRONICS-ST715XX Datasheet
382Kb / 19P
   High input voltage - 85 mA LDO linear regulator
logo
Supertex, Inc
LR12 SUTEX-LR12 Datasheet
833Kb / 9P
   High Input Voltage Adjustable 3-Terminal Linear Regulator
logo
STMicroelectronics
ST715 STMICROELECTRONICS-ST715_V01 Datasheet
604Kb / 24P
   High input voltage, 85 mA LDO linear regulator
October 2020 Rev 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com