Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMP2100-GS08 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TLMP2100-GS08
Description  Standard Mini SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMP2100-GS08 Datasheet(HTML) 4 Page - Vishay Siliconix

  TLMP2100-GS08 Datasheet HTML 1Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 2Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 3Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 4Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 5Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 6Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 7Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 8Page - Vishay Siliconix TLMP2100-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
www.vishay.com
4
Document Number 83199
Rev. 1.7, 24-Sep-07
Vishay Semiconductors
TLMB/G/O/P/S/Y2100
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 2.0
Note:
1) T
amb = 25 °C, unless otherwise specified
2) In one packing unit I
Vmax/IVmin ≤ 2.0
TYPICAL CHARACTERISTICS
Tamb = 25 °C, unless otherwise specified
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMP2100, PURE GREEN
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity2)
IF = 10 mA
IV
1.0
2.2
mcd
Dominant wavelength
IF = 10 mA
λ
d
555
560
565
nm
Peak wavelength
IF = 10 mA
λ
p
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µA
VR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
15
pF
OPTICAL AND ELECTRICAL CHARACTERISTICS1) TLMB2100, BLUE
PARAMETER
TEST CONDITION
SYMBOL
MIN
TYP.
MAX
UNIT
Luminous intensity2)
IF = 10 mA
IV
4.0
7.0
mcd
Dominant wavelength
IF = 10 mA
λ
d
465
nm
Peak wavelength
IF = 10 mA
λ
p
428
nm
Angle of half intensity
IF = 10 mA
ϕ
± 60
deg
Forward voltage
IF = 20 mA
VF
3.9
4.5
V
Reverse voltage
IR = 10 µA
VR
5.0
V
Figure 1. Power Dissipation vs. Ambient Temperature
0
20
40
60
80
100
120
0
204060
80
100
Tamb - Ambient Temperature (°C)
18023
blue
red, soft orange,
yellow, green, pure green
Figure 2. Forward Current vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
0
10 2030 4050 6070 80 90 100
Tamb - Ambient Temperature (°C)
18024
blue
red, soft orange,
yellow, green, pure green


Similar Part No. - TLMP2100-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMP2100 VISHAY-TLMP2100 Datasheet
293Kb / 11P
   MiniLED
Rev. 1.6, 20-Jan-05
More results

Similar Description - TLMP2100-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY21 VISHAY-VLMY21_V02 Datasheet
376Kb / 11P
   Standard Mini SMD LED
01-Jan-2023
VLMG21J2L1-GS08 VISHAY-VLMG21J2L1-GS08 Datasheet
935Kb / 9P
   Standard Mini SMD LED
Rev. 1.4, 30-Apr-13
VLMG21 VISHAY-VLMG21 Datasheet
330Kb / 9P
   Standard Mini SMD LED
Rev. 1.6, 29-Jan-16
VLMOSY21 VISHAY-VLMOSY21 Datasheet
350Kb / 12P
   Standard Mini SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
VLMG21K1L2-GS08 TO-GRACE-VLMG21K1L2-GS08 Datasheet
1Mb / 9P
   Standard Mini SMD LED
VLMS2100-GS08 TO-GRACE-VLMS2100-GS08 Datasheet
1Mb / 12P
   Standard Mini SMD LED
logo
Vishay Siliconix
VLMG21 VISHAY-VLMG21_V01 Datasheet
334Kb / 9P
   Standard Mini SMD LED
01-Jan-2022
VLMO21 VISHAY-VLMO21 Datasheet
321Kb / 12P
   Standard Mini SMD LED
Rev. 1.6, 12-May-15
VLME2302 VISHAY-VLME2302 Datasheet
297Kb / 9P
   Standard Mini SMD LED
Rev. 1.4, 29-Jan-16
VLMO21 VISHAY-VLMO21_V01 Datasheet
350Kb / 12P
   Standard Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com