Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMY2100-GS08 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMY2100-GS08
Description  Standard Mini SMD LED
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMY2100-GS08 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMY2100-GS08 Datasheet HTML 1Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 2Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 3Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 4Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 5Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 6Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 7Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 8Page - Vishay Siliconix TLMY2100-GS08 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Vishay Semiconductors
TLMB/G/O/P/S/Y2100
Document Number 83199
Rev. 1.7, 24-Sep-07
www.vishay.com
1
Standard Mini SMD LED
FEATURES
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible
with automatic
placement
equipment
• EIA and ICE standard package
• IR reflow soldering
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 2.0, optional ≤ 1.6
• Lead (Pb)-free device
19226
e3
DESCRIPTION
The new MiniLED Series have been designed in a
small white SMT package. The feature of the device is
the very small package 2.3 mm x 1.3 mm x 1.4 mm.
The MiniLED is an obvious solution for small-scale,
high-power products that are expected to work reliably
in an arduous environment. This is often the case in
automotive and industrial application of course.
PRODUCT GROUP AND PACKAGE DATA
• Product group: LED
• Package: SMD MiniLED
• Product series: standard
• Angle of half intensity: ± 60°
APPLICATIONS
• Automotive:
backlighting
in
dashboards
and
switches
• Telecommunication: indicator and backlighting in
telephone and fax
• Indicator and backlight for audio and video
equipment
• Indicator and backlight in office equipment
• Flat backlight for LCDs, switches and symbols
• General use
PARTS TABLE
PART
COLOR, LUMINOUS INTENSITY
TECHNOLOGY
TLMS2100-GS08
Red, IV = 7.5 mcd (typ.)
GaAsP on GaP
TLMO2100-GS08
Soft orange, IV = 7.5 mcd (typ.)
GaAsP on GaP
TLMY2100-GS08
Yellow, IV = 7.5 mcd (typ.)
GaAsP on GaP
TLMG2100-GS08
Green, IV = 10 mcd (typ.)
GaP on GaP
TLMP2100-GS08
Pure green, IV = 2.2 mcd (typ.)
GaP on GaP
TLMB2100-GS08
Blue, IV = 7 mcd (typ.)
GaN


Similar Part No. - TLMY2100-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMY2100 VISHAY-TLMY2100 Datasheet
293Kb / 11P
   MiniLED
Rev. 1.6, 20-Jan-05
More results

Similar Description - TLMY2100-GS08

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VLMY21 VISHAY-VLMY21_V02 Datasheet
376Kb / 11P
   Standard Mini SMD LED
01-Jan-2023
VLMG21J2L1-GS08 VISHAY-VLMG21J2L1-GS08 Datasheet
935Kb / 9P
   Standard Mini SMD LED
Rev. 1.4, 30-Apr-13
VLMG21 VISHAY-VLMG21 Datasheet
330Kb / 9P
   Standard Mini SMD LED
Rev. 1.6, 29-Jan-16
VLMOSY21 VISHAY-VLMOSY21 Datasheet
350Kb / 12P
   Standard Mini SMD LED
logo
HK TO-GRACE TECHNOLOGY ...
VLMG21K1L2-GS08 TO-GRACE-VLMG21K1L2-GS08 Datasheet
1Mb / 9P
   Standard Mini SMD LED
VLMS2100-GS08 TO-GRACE-VLMS2100-GS08 Datasheet
1Mb / 12P
   Standard Mini SMD LED
logo
Vishay Siliconix
VLMG21 VISHAY-VLMG21_V01 Datasheet
334Kb / 9P
   Standard Mini SMD LED
01-Jan-2022
VLMO21 VISHAY-VLMO21 Datasheet
321Kb / 12P
   Standard Mini SMD LED
Rev. 1.6, 12-May-15
VLME2302 VISHAY-VLME2302 Datasheet
297Kb / 9P
   Standard Mini SMD LED
Rev. 1.4, 29-Jan-16
VLMO21 VISHAY-VLMO21_V01 Datasheet
350Kb / 12P
   Standard Mini SMD LED
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com