Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZX84C16 Datasheet(PDF) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BZX84C16
Description  Planar Die Construction.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BZX84C16 Datasheet(HTML) 5 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BZX84C16 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX84C16 Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX84C16 Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX84C16 Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BZX84C16 Datasheet HTML 5Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
BZX84C2V4-BZX84C51
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.85
2.95
B
1.25
1.35
C
1.0Typical
D
0.37
0.43
E
0.35
0.48
G
1.85
1.95
H
0.02
0.1
J
0.1Typical
K
2.35
2.45
All Dimensions in mm
RoHS
BZX84C2V4-BZX84C51
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.


Similar Part No. - BZX84C16

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZX84C16 TSC-BZX84C16 Datasheet
594Kb / 3P
   350mW Surface Mount Zener Diode
logo
Vishay Siliconix
BZX84C16 VISHAY-BZX84C16 Datasheet
70Kb / 5P
   350 mW Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
SeCoS Halbleitertechnol...
BZX84C16 SECOS-BZX84C16 Datasheet
453Kb / 3P
   300 mW SOT-23 Series Surface Mount Zener Voltage Regulator Diodes
logo
Central Semiconductor C...
BZX84C16 CENTRAL-BZX84C16 Datasheet
120Kb / 2P
   SURFACE MOUNT 350mW SILICON ZENER DIODE 2.4 VOLTS THRU 47 VOLTS
logo
AiT Semiconductor Inc.
BZX84C16 AITSEMI-BZX84C16 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
More results

Similar Description - BZX84C16

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
MMBZ5221BW SKTECHNOLGY-MMBZ5221BW Datasheet
853Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
MMSZ5221B WINNERJOIN-MMSZ5221B Datasheet
130Kb / 3P
   Planar Die Construction
logo
Pan Jit International I...
PJZ4V3XBWS PANJIT-PJZ4V3XBWS Datasheet
107Kb / 5P
   Planar Die construction
logo
SHIKUES Electronics
MMBZ5221B SKTECHNOLGY-MMBZ5221B Datasheet
856Kb / 3P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZT52C2V0 LEIDITECH-BZT52C2V0 Datasheet
466Kb / 4P
   Planar die construction
logo
SHIKUES Electronics
MMBZ5221BS SKTECHNOLGY-MMBZ5221BS Datasheet
856Kb / 3P
   Planar Die Construction
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4 Datasheet
238Kb / 3P
   Planar Die Construction
logo
Diodes Incorporated
BZT52C4V3S-7 DIODES-BZT52C4V3S-7 Datasheet
88Kb / 4P
   Planar Die Construction
logo
Shanghai Leiditech Elec...
BZX84C2V4 LEIDITECH-BZX84C2V4 Datasheet
1Mb / 5P
   Planar Die Construction
logo
Diodes Incorporated
DPLS160-7 DIODES-DPLS160-7 Datasheet
171Kb / 4P
   Epitaxial Planar Die Construction
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com