Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTB06 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BTB06
Description  TRIAC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BTB06 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BTB06 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
BTB06 TRIAC
FEATURES
VDRM:
600
V
IT(RMS):
6
A
PG(AV) (TJ =125℃):
1
W
Operating and storage junction temperature range
TJ, Tstg: -40
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Rated repetitive peak off-state current
IDRM
VD=VDRM
10
µA
On-state voltage
VTM
IT=8A
1.7
V
I
T2(+), G(+)
25
mA
II
T2(+), G(-)
25
mA
III
T2(-), G(-)
25
mA
Gate trigger current
IV
IGT
T2(-), G(+)
VD=12V
RL=100Ω
-
mA
I
T2(+), G(+)
1.45
V
II
T2(+), G(-)
1.45
V
III
T2(-), G(-)
1.45
V
Gate trigger voltage
IV
VGT
T2(-), G(+)
VD=12V
RL=100Ω
-
V
I
Holding current
III
IH
IT =500mA
IG=50mA
50
mA
1 2 3
T1 T2 G
TO-220
1. ANODE
2. ANODE
3. GATE
BTB06
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BTB06

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BTB06 STMICROELECTRONICS-BTB06 Datasheet
69Kb / 5P
   SENSITIVE GATE TRIACS
logo
Sirectifier Semiconduct...
BTB06 SIRECTIFIER-BTB06 Datasheet
341Kb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
Suntac Electronic Corp.
BTB06 SUNTAC-BTB06 Datasheet
72Kb / 4P
   6A TRIACS
logo
Sirectifier Global Corp...
BTB06 SIRECT-BTB06 Datasheet
1Mb / 4P
   Discrete Triacs(Non-Isolated/Isolated)
logo
JIEJIE MICROELECTRONICS...
BTB06 JIEJIE-BTB06 Datasheet
578Kb / 5P
   6A TRIACs
More results

Similar Description - BTB06

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SCT04N60E KODENSHI-SCT04N60E Datasheet
388Kb / 6P
   Triac
SCT06N60FD KODENSHI-SCT06N60FD Datasheet
306Kb / 6P
   Triac
SCT25N60P KODENSHI-SCT25N60P Datasheet
371Kb / 6P
   Triac
SDB0740 KODENSHI-SDB0740 Datasheet
250Kb / 5P
   Triac
logo
Unisonic Technologies
UT139E UTC-UT139E Datasheet
139Kb / 3P
   TRIAC
UT139G UTC-UT139G Datasheet
151Kb / 4P
   TRIAC
logo
SEMTECH ELECTRONICS LTD...
STBT134T SEMTECH_ELEC-STBT134T Datasheet
172Kb / 2P
   TRIAC
logo
Renesas Technology Corp
BCR16PM-12LG RENESAS-BCR16PM-12LG_10 Datasheet
108Kb / 8P
   Triac
logo
Unisonic Technologies
UT136E UTC-UT136E_11 Datasheet
156Kb / 3P
   TRIAC
logo
Renesas Technology Corp
BCR8LM-14LB RENESAS-BCR8LM-14LB Datasheet
107Kb / 8P
   Triac
BCR10LM-12LB RENESAS-BCR10LM-12LB Datasheet
107Kb / 8P
   Triac
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com