Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WEJ78L06-TO-92 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # WEJ78L06-TO-92
Description  Three-terminal positive voltage regulator
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

WEJ78L06-TO-92 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  WEJ78L06-TO-92 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
2
C0
0.1µF
WE
J78L06 Three-terminal positive voltage regulator
FEATURES
Maximum Output current
IOM:
0.1
A
Output voltage
Vo:
6
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ABSOLUTE MAXIMUM RATINGS (Operating temperature range applies unless otherwise specified)
Parameter
Symbol
Value
Unlts
Input Voltage
V l
30
V
Operating Junction Temperature Range
TOPR
0~+125
Storage Temperature Range
TSTG
-55~+150
ELECTRICAL CHARACTERISTICS (VI=11V,Io=40mA,0
℃<Tj<125℃,C1=0.33µF,Co=0.1µF, unless otherwise specified )
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Tj=25
5.75
6.0
6.25
V
8V
≤V l≤20V, Io=1mA~40mA
5.7
6.0
6.3
V
Output voltage
Vo
8V
≤V l≤20V, Io=1mA~70mA
5.7
6.0
6.3
V
(note)
Tj=25
℃, Io=1mA~100mA
16
80
mV
Load Regulation
∆Vo
Tj=25
℃, Io=1mA~40mA
9
40
mV
8.5V
≤V l≤20V, Tj=25
35
175
mV
Line regulation
∆Vo
9V
≤V l≤20V, Tj=25
29
125
mV
Quiescent Current
Iq
Tj=25
3.9
6.0
mA
∆Iq
9V
≤V l≤20V
1.5
mA
Quiescent Current Change
∆Iq
1mA
≤I O≤40mA
0.1
mA
Output Noise VoItage
VN
10Hz
≤f≤100KHz
46
uV
Ripple Rejection
RR
9V
≤V l≤19V,f=120Hz,Tj=25
40
48
dB
Dropout Voltage
Vd
Tj=25
1.7
V
TYPICAL APPLICATION
vi
3
1
Vo
U C
C1
0.33µF
Note: Bypass capacitors are recommended for optimum stability and transient response and should be located as close as
possible to the regulators.
1 2 3
TO-92
1. OUT
2. GND
3. IN
78L06
WEJ78L06
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - WEJ78L06-TO-92

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
WEJ78L06-SOT-23-L WINNERJOIN-WEJ78L06-SOT-23-L Datasheet
120Kb / 1P
   Three-terminal positive voltage regulator
WEJ78L06-SOT-89 WINNERJOIN-WEJ78L06-SOT-89 Datasheet
154Kb / 2P
   SOT-89 Encapsulate Three Terminal Voltage Regulator
More results

Similar Description - WEJ78L06-TO-92

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
CJ7806-TO-220 JIANGSU-CJ7806-TO-220 Datasheet
187Kb / 2P
   Three-terminal positive voltage regulator
CJ7915-TO-220 JIANGSU-CJ7915-TO-220 Datasheet
127Kb / 2P
   Three-terminal positive voltage regulator
CJ78L05-SOT-23-3L JIANGSU-CJ78L05-SOT-23-3L Datasheet
136Kb / 2P
   Three-terminal positive voltage regulator
CJ78L09-TO-92 JIANGSU-CJ78L09-TO-92 Datasheet
110Kb / 2P
   Three-terminal positive voltage regulator
CJ78L18 JIANGSU-CJ78L18 Datasheet
103Kb / 1P
   Three-terminal positive voltage regulator
CJ7806F-TO-220 JIANGSU-CJ7806F-TO-220 Datasheet
117Kb / 1P
   Three-terminal positive voltage regulator
CJ7918-TO-220 JIANGSU-CJ7918-TO-220 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
SHENZHEN YONGERJIA INDU...
WEJ78M05-TO-252 WINNERJOIN-WEJ78M05-TO-252 Datasheet
80Kb / 1P
   Three-terminal positive voltage regulator
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
logo
Jiangsu Changjiang Elec...
CJ78M09 JIANGSU-CJ78M09 Datasheet
2Mb / 4P
   Three-terminal positive voltage regulator
CJ7809F JIANGSU-CJ7809F Datasheet
3Mb / 3P
   Three-terminal positive voltage regulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com