Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V6W60C-M3I Datasheet(PDF) 4 Page - Vishay Siliconix

Part # V6W60C-M3I
Description  Dual Trench MOS Barrier Schottky Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

V6W60C-M3I Datasheet(HTML) 4 Page - Vishay Siliconix

  V6W60C-M3I Datasheet HTML 1Page - Vishay Siliconix V6W60C-M3I Datasheet HTML 2Page - Vishay Siliconix V6W60C-M3I Datasheet HTML 3Page - Vishay Siliconix V6W60C-M3I Datasheet HTML 4Page - Vishay Siliconix V6W60C-M3I Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
V6W60C-M3
www.vishay.com
Vishay General Semiconductor
Revision: 04-Dec-13
4
Document Number: 89967
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Note
• Conforms to JEDEC TO-252 variation AA except dimension “D”
SYMBOL
INCHES
MILLIMETERS
MIN.
MAX.
MIN.
MAX.
A
0.086
0.094
2.19
2.38
A1
-
0.005
-
0.13
b
0.025
0.035
0.64
0.89
b2
0.033
0.045
0.84
1.14
b3
0.205
0.215
5.21
5.46
c
0.018
0.024
0.46
0.61
D
0.235
0.250
5.97
6.22
D1
0.205
-
5.21
-
E
0.250
0.265
6.35
6.73
E1
0.190
-
4.83
-
e
0.090 BSC.
2.29 BSC.
H
0.380
0.410
9.65
10.41
L
0.055
0.070
1.40
1.78
L2
0.020 BSC.
0.51 BSC.
L3
0.035
0.050
0.89
1.27
L4
0.025
0.039
0.64
1.01
D
L3
L4
b3
b2
b
1.55 mm REF.
E
TO-252 (D-PAK)
A
c
H
A1
c
e
See detail A
- A -
0.002
0.05 mm
"
E1
D1
L2
L
θ
0.004
0.1 mm
"
Mounting Pad Layout
in inches (millimeters)
0.244
(6.2) MIN.
0.256
(6.5) MIN.
0.094
(2.4) MIN.
0.051
(1.3) MIN.
0.39 (9.9)
0.488 (12.4)
0.086 (2.19)
0.094 (2.39)


Similar Part No. - V6W60C-M3I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V6W60C-M3 VISHAY-V6W60C-M3 Datasheet
90Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
08-Feb-17
V6W60C-M3 VISHAY-V6W60C-M3_15 Datasheet
124Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.41 V at IF = 3 A
Revision: 04-Dec-13
V6W60C-M3 VISHAY-V6W60C-M3_15 Datasheet
116Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V6W60C-M3 VISHAY-V6W60C-M3_V01 Datasheet
90Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
08-Feb-17
More results

Similar Description - V6W60C-M3I

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V20WM100C-M3 VISHAY-V20WM100C-M3 Datasheet
121Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V15W60C-M3 VISHAY-V15W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
V12W60C-M3 VISHAY-V12W60C-M3 Datasheet
123Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
VT3080C VISHAY-VT3080C Datasheet
131Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
VBT4060C VISHAY-VBT4060C Datasheet
81Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
VFT4060C VISHAY-VFT4060C Datasheet
79Kb / 4P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 07-Dec-10
V30DL50C-M3 VISHAY-V30DL50C-M3 Datasheet
128Kb / 6P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 13-Dec-13
V15WL45C-M3 VISHAY-V15WL45C-M3_15 Datasheet
115Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 04-Dec-13
logo
Unisonic Technologies
TGBR30L45C UTC-TGBR30L45C Datasheet
153Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
TGBR30U100C UTC-TGBR30U100C Datasheet
132Kb / 3P
   DUAL TRENCH MOS SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
V30D60CL VISHAY-V30D60CL_15 Datasheet
120Kb / 5P
   Dual Trench MOS Barrier Schottky Rectifier
Revision: 06-May-15
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com