Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8958CLB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8958CLB
Description  VOICE COIL MOTOR DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8958CLB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8958CLB Datasheet HTML 1Page - Allegro MicroSystems A8958CLB Datasheet HTML 2Page - Allegro MicroSystems A8958CLB Datasheet HTML 3Page - Allegro MicroSystems A8958CLB Datasheet HTML 4Page - Allegro MicroSystems A8958CLB Datasheet HTML 5Page - Allegro MicroSystems A8958CLB Datasheet HTML 6Page - Allegro MicroSystems A8958CLB Datasheet HTML 7Page - Allegro MicroSystems A8958CLB Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8958
VOICE COIL
MOTOR DRIVER
www.allegromicro.com
Term.
Terminal Name
Function
1
LOGIC SUPPLY
VCC; logic supply voltage.
2
INHIBIT
An active-high logic input that inhibits the output stages without initiating a park.
3 & 4
UV1 and UV2
Under-voltage detection inputs. If not used, these terminals must be connected
to the logic supply (VCC).
5
LIMIT
A tri-state input that forces the output of amplifier A into saturation in either direction,
or allows normal linear operation.
6 & 7
GROUNDAB
Power amplifiers’ ground and thermal heat sink.
8
PARK VOLTAGE
Auxiliary inverting input to power amplifier A.
9
SENSEIN–
Inverting input to current sense error amplifer.
10
INA+
Non-inverting input to power amplifier A.
11
INA–
Inverting input to power amplifier A.
12
OUTA
Power amplifier A output to voice coil motor.
13
OUTB
Power amplifier B output to voice coil motor.
14
LOAD SUPPLY
VBB; load supply voltage.
15
INB–
Inverting input to power amplifier B.
16
INB+
Non-inverting input to power amplifier B.
17
SENSEIN+
Non-inverting input to current sense error amplifer.
18 & 19
GROUNDAB
Power amplifiers’ ground and thermal heat sink.
20
PWR OK
A logic low at this output indicates an under-voltage condition.
21
GROUND
Circuit reference.
22
PARK
An active-high logic input that activates the park function.
23
PARK DRIVE
Power transistor for retract current control on power down or park command.
24
SENSEOUT
Output of current sense error amplifier.
TERMINAL FUNCTIONS


Similar Part No. - A8958CLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A89500 ALLEGRO-A89500 Datasheet
756Kb / 13P
   100 V Half-Bridge MOSFET Driver
A89500GEJTR-T ALLEGRO-A89500GEJTR-T Datasheet
756Kb / 13P
   100 V Half-Bridge MOSFET Driver
A89500KEJSR ALLEGRO-A89500KEJSR Datasheet
756Kb / 13P
   100 V Half-Bridge MOSFET Driver
A89503 ALLEGRO-A89503 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
A89503KLPTR-3 ALLEGRO-A89503KLPTR-3 Datasheet
1Mb / 45P
   80 V Automotive Half-Bridge MOSFET Driver
More results

Similar Description - A8958CLB

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13470 HITACHI-HA13470 Datasheet
129Kb / 6P
   VOICE COIL MOTOR DRIVER
logo
Rohm
BA6832FS ROHM-BA6832FS Datasheet
106Kb / 8P
   Voice coil motor driver
logo
STMicroelectronics
L6242 STMICROELECTRONICS-L6242 Datasheet
94Kb / 5P
   VOICE COIL MOTOR DRIVER
logo
Allegro MicroSystems
8936 ALLEGRO-8936 Datasheet
102Kb / 10P
   VOICE COIL MOTOR DRIVER
8932-A ALLEGRO-8932-A Datasheet
164Kb / 8P
   VOICE-COIL MOTOR DRIVER
logo
STMicroelectronics
L6243 STMICROELECTRONICS-L6243 Datasheet
113Kb / 12P
   VOICE COIL MOTOR DRIVER
L6243DS STMICROELECTRONICS-L6243DS Datasheet
91Kb / 8P
   VOICE COIL MOTOR DRIVER
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
   12V VOICE COIL MOTOR DRIVER
February 1998
logo
Allegro MicroSystems
A3907 ALLEGRO-A3907_16 Datasheet
406Kb / 11P
   Low Voltage Voice Coil Motor Driver
logo
Vishay Siliconix
SI9961 VISHAY-SI9961 Datasheet
69Kb / 8P
   12-V Voice Coil Motor Driver
Rev. G, 24-Jun-02
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com