Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2960IMX-3.3 Datasheet(PDF) 2 Page - Texas Instruments

Part # LP2960IMX-3.3
Description  LP2960 Adjustable Micropower 0.5A Low-Dropout Regulators
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LP2960IMX-3.3 Datasheet(HTML) 2 Page - Texas Instruments

  LP2960IMX-3.3 Datasheet HTML 1Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 2Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 3Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 4Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 5Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 6Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 7Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 8Page - Texas Instruments LP2960IMX-3.3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
using:
Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator
LP2960
SNVS112C – APRIL 1999 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Storage Temperature Range
−65°C to +150°C
Operating Junction Temperature Range
LP2960AI/LP2960I
−40°C to +125°C
Lead Temperature (Soldering, 5 sec.)
260°C
Power Dissipation(2)
Internally Limited
Input Supply Voltage
−20V to +30V
Feedback Input Voltage(3)
−0.3V to +5V
Comparator Input Voltage(4)
−0.3V to +30V
Comparator Output Voltage(4)
−0.3V to +30V
ESD Rating(5)
1.5 kV
(1)
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply
when operating the device outside of its rated operating conditions.
(2)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ (max), the junction-to-ambient thermal
resistance,
θJ−A, and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated
will go into thermal shutdown. See Application Hints for additional information on heatsinking and thermal resistance.
(3)
When used in dual-supply systems where the regulator load is returned to a negative supply, the output voltage must be diode-clamped
to ground.
(4)
May exceed the input supply voltage.
(5)
Human Body Model, 200 pF discharged through 1.5 k
Ω.
Electrical Characteristics
Limits in standard typeface are for TJ = 25°C, and limits in boldface type apply over the full operating temperature range.
Unless otherwise specified: CIN = 4.7 μF, VIN = VO(NOM) + 1V, IL = 1 mA, COUT = 10 μF for 5V parts or COUT = 22 μF for 3.3V
parts, Feedback pin is tied to VTAP pin, Output pin is tied to Sense pin, VS/D = 2V.
LP2960AI(1)
LP2960I(1)
Symbol
Parameter
Conditions
Typ
Units
Min
Max
Min
Max
VO
Output Voltage
4.962
5.038
4.925
5.075
1 mA
≤ IL ≤ 500 mA
5.0
(5V Versions)
4.930
5.070
4.880
5.120
V
Output Voltage
3.275
3.325
3.250
3.350
1 mA
≤ IL ≤ 500 mA
3.3
(3.3 Versions)
3.254
3.346
3.221
3.379
Output Voltage
See(2)
20
130
160
ppm/°C
Temperature Coefficient
Output Voltage
0.2
0.4
VIN = [VO(NOM) + 1V] to 30V
0.06
%
Line Regulation
0.5
0.8
Output Voltage
0.16
0.20
See(3)
0.08
%
Load Regulation
0.30
0.40
(1)
All room temperature limits are 100% production tested. All limits at temperature extremes are ensured via correlation using standard
Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality Level.
(2)
Output or reference voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature range.
(3)
Output voltage load regulation is measured at constant junction temperature using low duty cycle pulse testing. Two separate tests are
performed, one for the load current range of 100
μA to 1 mA and one for the 1 mA to 500 mA range. Changes in output voltage due to
heating effects are covered by the thermal regulation specification.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LP2960


Similar Part No. - LP2960IMX-3.3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2960IMX-3.3/NOPB TI1-LP2960IMX-3.3/NOPB Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
More results

Similar Description - LP2960IMX-3.3

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2960 NSC-LP2960 Datasheet
452Kb / 17P
   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
Texas Instruments
LP2960 TI1-LP2960 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower 0.5A Low-Dropout Regulators
logo
National Semiconductor ...
LP2952 NSC-LP2952 Datasheet
1Mb / 22P
   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Texas Instruments
LP2953QML TI1-LP2953QML Datasheet
439Kb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2953QML TI1-LP2953QML_16 Datasheet
763Kb / 26P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
LP2952 TI1-LP2952 Datasheet
1Mb / 24P
[Old version datasheet]   Adjustable Micropower Low-Dropout Voltage Regulators
logo
Linear Technology
RH1086M LINER-RH1086M Datasheet
164Kb / 4P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_1 Datasheet
89Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
RH1086M LINER-RH1086M_15 Datasheet
94Kb / 6P
   0.5A and 1.5A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LP2952A TI-LP2952A_15 Datasheet
2Mb / 41P
[Old version datasheet]   LP295x Adjustable Micropower Low-Dropout Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com