Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640MKE-H Datasheet(PDF) 8 Page - Texas Instruments

Part # LMP8640MKE-H
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640MKE-H Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMP8640MKE-H Datasheet HTML 4Page - Texas Instruments LMP8640MKE-H Datasheet HTML 5Page - Texas Instruments LMP8640MKE-H Datasheet HTML 6Page - Texas Instruments LMP8640MKE-H Datasheet HTML 7Page - Texas Instruments LMP8640MKE-H Datasheet HTML 8Page - Texas Instruments LMP8640MKE-H Datasheet HTML 9Page - Texas Instruments LMP8640MKE-H Datasheet HTML 10Page - Texas Instruments LMP8640MKE-H Datasheet HTML 11Page - Texas Instruments LMP8640MKE-H Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
VCM (V)
140
130
120
110
100
90
80
-2
11
24
37
50
63
76
125 °C
25°C
-40°C
VS = 5V
VCM (V)
140
130
120
110
100
90
80
-2
11
24
37
50
63
76
125°C
25°C
-40°C
VS = 5V
VCM (V)
2300
2100
1900
1700
1500
1300
1100
900
700
500
300
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 5V
125°C
25°C
-40°C
VCM (V)
2500
2300
2100
1900
1700
1500
1300
1100
900
700
500
-2 -1
0
1
2
3
4 16 28 40 52 64 76
VS = 12V
125 °C
25°C
-40°C
VS (V)
2500
2400
2300
2200
2100
2000
1900
800
700
600
500
400
300
2.7
5.3
8.0
10.6
13.2
25°C
125°C
-40°C
VCM (V)
2300
2100
1900
1700
1500
1300
1100
900
700
500
300
-2 -1
0
1
2
3
4 16 28 40 52 64 76
25°C
VS = 2.7V
125°C
-40°C
LMP8640
LMP8640HV
SNOSB28F – AUGUST 2010 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
Unless otherwise specified: TA = 25°C, VS=V
+-V-, V
SENSE= +IN - (-IN), RL = 10 MΩ.
Supply Curent vs. Supply Voltage
Supply Current vs. VCM
Figure 2.
Figure 3.
Supply Current vs. VCM
Supply Current vs. VCM
Figure 4.
Figure 5.
CMRR vs. VCM (Gain 20V/V)
CMRR vs. VCM (Gain 50V/V)
Figure 6.
Figure 7.
8
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640HV


Similar Part No. - LMP8640MKE-H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640MKE-H NSC-LMP8640MKE-H Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640MKE-H/NOPB TI1-LMP8640MKE-H/NOPB Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
More results

Similar Description - LMP8640MKE-H

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com