Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8925 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # 8925
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH LINEAR CURRENT CONTROL AND POWER DMOS OUTPUTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8925 Datasheet(HTML) 5 Page - Allegro MicroSystems

  8925 Datasheet HTML 1Page - Allegro MicroSystems 8925 Datasheet HTML 2Page - Allegro MicroSystems 8925 Datasheet HTML 3Page - Allegro MicroSystems 8925 Datasheet HTML 4Page - Allegro MicroSystems 8925 Datasheet HTML 5Page - Allegro MicroSystems 8925 Datasheet HTML 6Page - Allegro MicroSystems 8925 Datasheet HTML 7Page - Allegro MicroSystems 8925 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
8925
3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
WITH LINEAR CURRENT CONTROL
AND POWER DMOS OUTPUTS
across RS that equals RS • ILOAD/1200. This
sense voltage (VSENSE) is compared to a ref-
erence voltage (VREF) and an error voltage is
developed that is gated in by the sequential
control logic to drive the gate of the appropri-
ate output sink transistor. A
transconductance control function is thus re-
alized where IOUT = VREF • 1200/RS. External
components C1, C2, R1, R2, and R3 are com-
pensation components used to obtain optimal
response and settling of the current control
loop. Information on how to select these
components is available.
FAULT. The FAULT terminal when low
indicates the presence of one of three fault
conditions:
A)
An under-voltage condition
on the logic supply. The
trip point for this function is
between 8 and 9.5 volts.
B)
An invalid Hall input combi-
nation … all inputs High or
all inputs Low.
C)
An excessive device
junction temperature. The
thermal shutdown circuitry
disables the output drivers
in addition to forcing the
FAULT output signal low.
TACH and POLE. In order to develop a
low-jitter tachometer signal (TACH) for use in
controlling motor speed, the A8925CEB di-
vides the frequency of the H1 input by the
number of poles in the motor. This elimi-
nates the jitter caused by variations in Hall-
effect device placement , sensitivity, and
magnet strengths by always changing state
when looking at the same magnet/sensor
pair. The resulting TACH signal changes state
every mechanical revolution of the motor.
The POLE input sets the TACH signal for four-
pole motors when Low or eight-pole motors
when High.
HALL INPUTS (H1, H2, H3). The A8925CEB is configured for use
with open-collector Hall-effect devices. Internal 25 k
Ω pull up resistors
to 10 volts are connected to these inputs.
ENABLE. The ENABLE terminal when Low puts the device in a
low current consumption, power-down mode. When ENABLE is High
the device is active.
BRAKE. When the BRAKE input goes Low the output source driv-
ers are disabled and the gates of the sink drivers are pulled high and
left floating. This achieves optimum passive braking performance
since the sink power DMOS output drivers are ON until the motor has
fully completed braking. The braking control circuitry operates off the
load supply (VBB) to allow it to remain operational during power loss by
using the back-EMF voltage of the motor as it’s supply.
LOAD SUPPLY (VBB). This terminal is the power supply connec-
tion for the power output drivers and braking control circuitry. This ter-
minal should be decoupled with a large-value capacitor to absorb load
currents dumped back into the supply during the de-energization of
motor windings. These currents can cause the supply voltage to ex-
ceed the maximum voltage rating of the device if not properly
decoupled. The intrinsic ground clamp and flyback diodes will rectify
the motor’s back-EMF voltage during power loss. In applications were
use of the motor’s back-EMF voltage is desired a series diode should
be used to isolate this terminal from the logic supply (VCC). This is to
avoid dumping the charge back into the supply and therefor clamping
the voltage available from rectification of the motor’s back-EMF
voltage.
LOGIC SUPPLY (VCC). This is the 12 volt supply terminal for the
A8925CEB and powers all circuitry except the power outputs and
brake control circuitry.
LOGIC GROUND. This must be connected to the power ground
terminals in systems that do not use separate power and logic
grounds.
POWER GROUND. Terminals 7 through 17 and 29 through 39
are webbed together and attach to the die mounting area to form a low
thermal resistance path to allow heat to be conducted out of the de-
vice. The power dissipation of the package can be further enhanced
by soldering these terminals to a large area of copper foil on the
printed wiring board.


Similar Part No. - 8925

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
8925 ETC2-8925 Datasheet
338Kb / 1P
   LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
327Kb / 1P
   LED SPACER MOUNTS
8925 ETC2-8925 Datasheet
114Kb / 2P
   LED SPACER MOUNTS
logo
Heyco.
8925 HEYCO-8925 Datasheet
129Kb / 1P
   Heyco® Hose and Cable Wrap-Polyethylene
logo
List of Unclassifed Man...
8925-020-179-F ETC-8925-020-179-F Datasheet
2Mb / 14P
   1.27mm PITCH LOW PROFILE CONNECTORS FOR 0.635MM PITCH FLAT CABLE
More results

Similar Description - 8925

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
logo
STMicroelectronics
L6235PD013TR STMICROELECTRONICS-L6235PD013TR Datasheet
690Kb / 35P
   DMOS driver for 3-phase brushless DC motor
March 2014 Rev 2
logo
Allegro MicroSystems
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
Vishay Siliconix
SI9979 VISHAY-SI9979 Datasheet
270Kb / 7P
   3-Phase Brushless DC Motor Controller
Rev. D, 05-Apr-99
SI9979 VISHAY-SI9979_V01 Datasheet
331Kb / 10P
   3-Phase Brushless DC Motor Controller
01-Jan-2022
logo
STMicroelectronics
L6229 STMICROELECTRONICS-L6229 Datasheet
582Kb / 25P
   DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
logo
PADAUK Technology.
DF339 PADAUK-DF339 Datasheet
734Kb / 11P
   3-Phase Brushless DC Motor Controller
logo
Vishay Siliconix
SI9979 VISHAY-SI9979_04 Datasheet
122Kb / 9P
   3-Phase Brushless DC Motor Controller
Rev. E, 21-Jun-04
logo
STMicroelectronics
L6235 STMICROELECTRONICS-L6235 Datasheet
434Kb / 25P
   DMOS DRIVER FOR THREE-PHASE BRUSHLESS DC MOTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com