Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2259DT Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2259DT
Description  1A, 16V, 1.4MHz Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2259DT Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2259DT Datasheet HTML 1Page - Monolithic Power Systems MP2259DT Datasheet HTML 2Page - Monolithic Power Systems MP2259DT Datasheet HTML 3Page - Monolithic Power Systems MP2259DT Datasheet HTML 4Page - Monolithic Power Systems MP2259DT Datasheet HTML 5Page - Monolithic Power Systems MP2259DT Datasheet HTML 6Page - Monolithic Power Systems MP2259DT Datasheet HTML 7Page - Monolithic Power Systems MP2259DT Datasheet HTML 8Page - Monolithic Power Systems MP2259DT Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP2259 – 1A, 16V, 1.4MHz STEP-DOWN CONVERTER
MP2259 Rev. 0.92
www.MonolithicPower.com
4
9/15/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 12V, VOUT = 3.3V, L = 4.7µH, C1 = 10µF, C2 = 22µF, TA = +25ºC, unless otherwise noted.
VSW
10V/div.
VEN
5V/div.
VOUT
1V/div.
IL
1A/div.
Start-up through Enable
IOUT = 1A Resistive Load
VOUT
1V/div.
VSW
10V/div.
VEN
5V/div.
Start-up through Enable
No Load
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
1A/div.
Shut-down through Enable
No Load
Shut-down through Enable
IOUT = 1A Resistive Load
IL
500mA/div.
VOUT
2V/div.
VSW
10V/div.
VEN
5V/div.
IL
1A/div.
VOUT
1V/div.
IL
1A/div.
Short Circuit Entry
Short Circuit Recovery
VOUT
1V/div.
IL
1A/div.
400ns/div.
Steady State Test
IOUT = 0.5A
VOUT
AC Coupled
50mV/div.
IL
1A/div.
ILOAD
1A/div.
VOUT
20mV/div.
VSW
10V/div.
IL
500mA/div.
Current Limit vs
Duty Cycle
3.0
2.5
2.0
1.5
1.0
0.5
0
DUTY CYCLE (%)
0
20
40
60
80
100


Similar Part No. - MP2259DT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
More results

Similar Description - MP2259DT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
   High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
   Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com