Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2259DT Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP2259DT
Description  1A, 16V, 1.4MHz Step-Down Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2259DT Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP2259DT Datasheet HTML 1Page - Monolithic Power Systems MP2259DT Datasheet HTML 2Page - Monolithic Power Systems MP2259DT Datasheet HTML 3Page - Monolithic Power Systems MP2259DT Datasheet HTML 4Page - Monolithic Power Systems MP2259DT Datasheet HTML 5Page - Monolithic Power Systems MP2259DT Datasheet HTML 6Page - Monolithic Power Systems MP2259DT Datasheet HTML 7Page - Monolithic Power Systems MP2259DT Datasheet HTML 8Page - Monolithic Power Systems MP2259DT Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MP2259 – 1A, 16V, 1.4MHz STEP-DOWN CONVERTER
MP2259 Rev. 0.92
www.MonolithicPower.com
2
9/15/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number
Package
Top Marking
Temperature
MP2259DT**
SOT23-6
K1
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (eg. MP2259DJ–Z);
For RoHS compliant packaging, add suffix –LF. (eg. MP2259DJ–LF–Z)
* * For Tape & Reel, add suffix –Z (eg. MP2259DT–Z);
For RoHS compliant packaging, add suffix –LF (eg. MP2259DT–LF–Z)
PACKAGE REFERENCE
BST
GND
FB
1
2
3
6
5
4
SW
IN
EN
MP2259_PD01_TSOT23
TOP VIEW
BST
GND
FB
1
2
3
6
5
4
SW
IN
EN
MP2259_PD02_SOT23
TOP VIEW
TSOT23-6
SOT23-6
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VIN ....................................... 20V
VSW............................................................... 21V
VBS ....................................................... VSW + 6V
All Other Pins.................................–0.3V to +6V
Continuous Power Dissipation
(TA = +25°C)
(2)
TSOT23-6 ................................................ 0.57W
SOT23-6 .................................................. 0.57W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................4.5V to 16V
Output Voltage VOUT......................... 0.81 to 14V
Maximum Junction Temp. (TJ) .............. +125°C
Thermal Resistance
(4)
θJA
θJC
TSOT23-6.............................. 220 .... 110..
°C/W
SOT23-6 ................................ 220 .... 110..
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7 4-layer PCB.
Part Number
Package
Top Marking
Temperature
MP2259DJ*
TSOT23-6
J9
–40
°C to +85°C


Similar Part No. - MP2259DT

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
MP220-100-A RCD-MP220-100-A Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-B RCD-MP220-100-B Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-C RCD-MP220-100-C Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-D RCD-MP220-100-D Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
MP220-100-F RCD-MP220-100-F Datasheet
44Kb / 1P
   POWER FILM RESISTORS TO 140 WATT
More results

Similar Description - MP2259DT

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP28369 MPS-MP28369 Datasheet
210Kb / 8P
   2A, 16V, 1.4MHz Step-Down Converter
MP1498 MPS-MP1498 Datasheet
628Kb / 18P
   High-Efficiency, 2A, 16V, 1.4MHz Synchronous, Step-Down Converter
MP2233 MPS-MP2233 Datasheet
588Kb / 18P
   High-Efficiency, 3A, 16V, 1.4MHz Synchronous, Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
   1.4MHz Step-Down Converter
SGM6132 SGMICRO-SGM6132 Datasheet
404Kb / 14P
   1.4MHz Step-Down Converter
logo
Maxim Integrated Produc...
MAX1973 MAXIM-MAX1973 Datasheet
331Kb / 15P
   Smallest 1A, 1.4MHz Step-Down Regulators
Rev 0; 7/02
logo
Global Mixed-mode Techn...
G5695 GMT-G5695 Datasheet
79Kb / 1P
   1.4MHz 1A Synchronous Step-Down Regulator
G5728B GMT-G5728B Datasheet
185Kb / 2P
   1.4MHz 1A Synchronous Step-Down Regulator
logo
Skyworks Solutions Inc.
AAT1112 SKYWORKS-AAT1112 Datasheet
1Mb / 19P
   1.5A, 1.4MHz Step-Down Converter
logo
Active-Semi, Inc
ACT4082A ACTIVE-SEMI-ACT4082A Datasheet
425Kb / 11P
   16V, 1.2A, 1.4MHz Step-Down DC/DC Converter in SOT23-6
Rev0, 16-May-08
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com