Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2249 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2249
Description  1MHz, 6V, 3A, Low-Voltage Synchronous Step-Down Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2249 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP2249 Datasheet HTML 2Page - Monolithic Power Systems MP2249 Datasheet HTML 3Page - Monolithic Power Systems MP2249 Datasheet HTML 4Page - Monolithic Power Systems MP2249 Datasheet HTML 5Page - Monolithic Power Systems MP2249 Datasheet HTML 6Page - Monolithic Power Systems MP2249 Datasheet HTML 7Page - Monolithic Power Systems MP2249 Datasheet HTML 8Page - Monolithic Power Systems MP2249 Datasheet HTML 9Page - Monolithic Power Systems MP2249 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MP2249 – 6V, 3A, 1MHZ, SYNCHRONOUS STEP-DOWN CONVERTER
MP2249 Rev.1.0
www.MonolithicPower.com
6
11/2/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, EN = 5V, VO = 1.8V, L1 = 2.2µH, and TA = +25°C, unless otherwise noted.
SW
2V/div
VO
1V/div
IL
5A/div
Short Cuit Protection
IO=0A to short
Load Transient
IO=1.5A to 3A
Short Cuit Protection
IO=3A to short
SW
2V/div
VO
1V/div
IL
5A/div
SW
5V/div
VO/AC
50mV/div
IL
2A/div
Shut-down through EN
IO=3A
PG
5V/div
VO
1V/div
EN
5V/div
20ms/div


Similar Part No. - MP2249

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2240 MPS-MP2240 Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
567Kb / 16P
   High-Efficiency, 3A, 16V, 800kHz Synchronous, Step-Down Converter
MP2240GJ MPS-MP2240GJ Datasheet
251Kb / 5P
   High-Efficiency, 3A, 16V, 800kHz Sync. Step-Down Switch Evaluation Board
More results

Similar Description - MP2249

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT5797B RICHTEK-RT5797B Datasheet
831Kb / 16P
   3A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
April 2022
logo
Monolithic Power System...
MPQ2249 MPS-MPQ2249 Datasheet
342Kb / 14P
   Industrial Grade 6V, 3A, 1MHz, Low-Voltage Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8068A RICHTEK-RT8068A Datasheet
255Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
RT5771A RICHTEK-RT5771A Datasheet
176Kb / 13P
   3A, 1MHz, Synchronous Step-Down Converter
June 2019
RT8061A RICHTEK-RT8061A Datasheet
195Kb / 12P
   3A, 1MHz, Synchronous Step-Down Converter
RT8089A RICHTEK-RT8089A Datasheet
210Kb / 15P
   3A, 1MHz, Synchronous Step-Down Converter
RT5796B RICHTEK-RT5796B Datasheet
1,004Kb / 19P
   1.5A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
December 2019
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
   6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
   2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
logo
Eutech Microelectronics...
EUP3475A EUTECH-EUP3475A Datasheet
160Kb / 1P
   3A, 28V, 1MHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com