Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8233SLM Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8233SLM
Description  LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8233SLM Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8233SLM Datasheet HTML 1Page - Allegro MicroSystems A8233SLM Datasheet HTML 2Page - Allegro MicroSystems A8233SLM Datasheet HTML 3Page - Allegro MicroSystems A8233SLM Datasheet HTML 4Page - Allegro MicroSystems A8233SLM Datasheet HTML 5Page - Allegro MicroSystems A8233SLM Datasheet HTML 6Page - Allegro MicroSystems A8233SLM Datasheet HTML 7Page - Allegro MicroSystems A8233SLM Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DISCONTINUED
PRODUCT
FOR
REFERENCE
ONLY
Designed specifically to meet the requirement for extended opera-
tion of battery-powered equipment such as cordless and cellular tele-
phones, the A8226SLM thru A8233SLM voltage regulators offer the
reduced dropout voltage and quiescent current essential for maximum
battery life. Applicable also to palmtop computers and personal data
assistants, these devices deliver a regulated output at up to 100 mA
(transient), which is limited only by package power dissipation. Regu-
lated output voltages of 2.6, 2.7, 2.8, 2.9, 3.0 and 3.3 are currently
provided. Other voltages, down to 2.0 volts, are available on special
order.
A PMOS pass element provides a typical dropout voltage of only
125 mV at 50 mA of load current. The low dropout voltage permits
deeper battery discharge before output regulation is lost. Quiescent
current does not increase significantly as the dropout voltage is ap-
proached, an ideal feature in standby/resume power systems where data
integrity is crucial. Regulator accuracy and excellent temperature
characteristics are provided by a bandgap reference. The A8226SLM
thru A8233SLM include ENABLE inputs to give the designer complete
control over power up, standby, or power down.
These devices are supplied in a thermally enhanced 5-lead small-
outline plastic package similar to the SOT-23, and fitting the SC-74A
footprint. All devices are rated for operation over a temperature range
of -20
°C to +85°C.
FEATURES AND BENEFITS
I High Efficiency Provides Extended Battery Life
I 125 mV Typical Dropout Voltage at I
O = 50 mA
I 32 µA Typical Quiescent Current
Less Than 1
µA “Sleep” Current
I Low Output Noise
I 100 mA Peak Output Current
I Improved PSRR and Transient Performance
APPLICATIONS
I Cordless and Cellular Telephones
I Personal Data Assistants
I Personal Communicators
I Palmtop Computers
LOW-DROPOUT REGULATORS
— HIGH EFFICIENCY
8226 THRU
8233
PRELIMINARY INFORMATION
(subject to change without notice)
January 18, 2000
A82xxSLM
Always order by complete part number, e.g., A82xxSLM , where “xx” is
the required output voltage in tenths.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, V
I . . . . . . . . . . . . . . .
7 V
Peak Output Current,
I
OM . . . . . . . . . . . . . . . . . .
100 mA*
Enable Input Voltage, V
E . . . . . . . . . .
V
I
Operating Temperature Range,
T
A . . . . . . . . . . . . .
-20
°C to +85°C
Junction Temperature, T
J . . . .
+150
°C
Storage Temperature Range,
T
S . . . . . . . . . . . .
-40
°C to +150°C
* Output current rating is limited by input
voltage, duty cycle, and ambient temperature.
Under any set of conditions, do not exceed a
junction temperature of +150
°C. See follow-
ing pages.
Dwg. PS-021-3
VR
2
3
1
5
4


Similar Part No. - A8233SLM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8233SLH ALLEGRO-A8233SLH Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
More results

Similar Description - A8233SLM

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8405 ALLEGRO-8405 Datasheet
118Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
8220 ALLEGRO-8220 Datasheet
137Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
January 18, 2000
8205 ALLEGRO-8205 Datasheet
122Kb / 8P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
December 6, 1999
8188 ALLEGRO-8188 Datasheet
163Kb / 12P
   LOW-DROPOUT REGULATORS . HIGH EFFICIENCY
July 13, 1999
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
   High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
   High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
   High-Current Low-Dropout Regulators
logo
Shenzhen Huazhimei Semi...
HM2915X HMSEMI-HM2915X Datasheet
954Kb / 6P
   Low-Dropout Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com