Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP8640 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LMP8640
Description  Precision High Voltage Current Sense Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8640 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 2Page - Texas Instruments LMP8640 Datasheet HTML 3Page - Texas Instruments LMP8640 Datasheet HTML 4Page - Texas Instruments LMP8640 Datasheet HTML 5Page - Texas Instruments LMP8640 Datasheet HTML 6Page - Texas Instruments LMP8640 Datasheet HTML 7Page - Texas Instruments LMP8640 Datasheet HTML 8Page - Texas Instruments LMP8640 Datasheet HTML 9Page - Texas Instruments LMP8640 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
LMP8640
LMP8640HV
SNOSB28F – AUGUST 2010 – REVISED APRIL 2013
www.ti.com
12V Electrical Characteristics
(1) (continued)
Unless otherwise specified, all limits ensured for at TA = 25°C, VS=V
+ – V-, V
SENSE= +IN-(-IN), V
+ = 12V, V= 0V, −2V < V
CM <
76V, RL = 10MΩ. Boldface limits apply at the temperature extremes.
Parameter
Test Conditions
Min(2)
Typ(3)
Max(2)
Unit
Fixed Gain LMP8640-T
20
V/V
LMP8640HV-T
Fixed Gain LMP8640-F
50
V/V
LMP8640HV-F
Gain AV
Fixed Gain LMP8640-H
100
V/V
LMP8640HV-H
-0.25
0.25
Gain error
VCM = 2.1V
%
-0.51
0.51
Accuracy over temperature(5)
−40°C to 125°C, VCM=2.1V
26.2
ppm/°C
PSRR
Power Supply Rejection Ratio
VCM = 2.1V, 2.7V < V
+ < 12V,
85
dB
LMP8640HV 2.1V < VCM < 42V
103
LMP8640 2.1V < VCM< 42V
CMRR
Common Mode Rejection Ratio
dB
LMP8640HV 2.1V < VCM < 76V
95
-2V <VCM < 2V,
60
Fixed Gain LMP8640-T
DC VSENSE = 67.5 mV,
950
LMP8640HV-T (5)
CL = 30 pF ,RL= 1MΩ
Fixed Gain LMP8640-F
DC VSENSE =27 mV,
BW
450
kHz
LMP8640HV-F (5)
CL = 30 pF ,RL= 1MΩ
Fixed Gain LMP8640-H
DC VSENSE = 13.5 mV,
230
LMP8640HV-H (5)
CL = 30 pF ,RL= 1MΩ
VCM =5V, CL = 30 pF, RL = 1MΩ,
LMP8640-T LMP8640HV-T VSENSE =500mVpp,
SR
Slew Rate (7) (5)
1.8
V/µs
LMP8640-F LMP8640HV-F VSENSE =200mVpp,
LMP8640-H LMP8640HV-H VSENSE =100mVpp,
RIN
Differential Mode Input Impedance(5)
5
k
1050
VCM = 2.1V
720
1250
IS
Supply Current
µA
2800
VCM = −2V
2300
3000
Maximum Output Voltage
VCM = 2.1V
11.85
V
LMP8640-T LMP8640HV-T
18.2
VCM = 2.1V
VOUT
LMP8640-F LMP8640HV-F
Minimum Output Voltage
40
mV
VCM = 2.1V
LMP8640-H LMP8640HV-H
80
VCM = 2.1V
CLOAD
Max Output Capacitance Load(8)
30
pF
(7)
The number specified is the average of rising and falling slew rates and measured at 90% to 10%.
(8)
This parameter is ensured by design and/or characterization and is not tested in production.
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LMP8640 LMP8640HV


Similar Part No. - LMP8640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640 TI1-LMP8640 Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
LMP8640 TI1-LMP8640 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
LMP8640-Q1 TI1-LMP8640-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Precision High Voltage Current Sense Amplifiers
logo
National Semiconductor ...
LMP8640HV NSC-LMP8640HV Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
More results

Similar Description - LMP8640

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8640 NSC-LMP8640 Datasheet
1Mb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8645 TI1-LMP8645 Datasheet
1Mb / 30P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
National Semiconductor ...
LMP8645 NSC-LMP8645 Datasheet
416Kb / 16P
   Precision High Voltage Current Sense Amplifier
logo
Texas Instruments
LMP8640HV TI1-LMP8640HV Datasheet
1Mb / 22P
[Old version datasheet]   Precision High Voltage Current Sense Amplifier
logo
Maxim Integrated Produc...
MAX40010 MAXIM-MAX40010_V01 Datasheet
528Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
2020
MAX40010 MAXIM-MAX40010 Datasheet
508Kb / 13P
   76V Precision, High-Voltage, Current-Sense Amplifier
Rev 2; 1/18
logo
Texas Instruments
LMP8645 TI-LMP8645_15 Datasheet
1Mb / 30P
[Old version datasheet]   LMP8645, LMP8645HV Precision High Voltage Current Sense Amplifier
logo
Silicon Laboratories
TSM9634F SILABS-TSM9634F Datasheet
1Mb / 12P
   Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX44285 MAXIM-MAX44285 Datasheet
839Kb / 12P
   Dual-Channel, High-Precision, High-Voltage, Current-Sense Amplifier
19-6910; Rev 4; 4/16
logo
Monolithic Power System...
MP8100 MPS-MP8100 Datasheet
209Kb / 5P
   Precision High-Side Current-Sense Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com