Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6064IN Datasheet(PDF) 9 Page - Texas Instruments

Part # LMC6064IN
Description  LMC6064 Precision CMOS Quad Micropower Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6064IN Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMC6064IN Datasheet HTML 5Page - Texas Instruments LMC6064IN Datasheet HTML 6Page - Texas Instruments LMC6064IN Datasheet HTML 7Page - Texas Instruments LMC6064IN Datasheet HTML 8Page - Texas Instruments LMC6064IN Datasheet HTML 9Page - Texas Instruments LMC6064IN Datasheet HTML 10Page - Texas Instruments LMC6064IN Datasheet HTML 11Page - Texas Instruments LMC6064IN Datasheet HTML 12Page - Texas Instruments LMC6064IN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LMC6064
www.ti.com
SNOS656D – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Non-Inverting Large
Crosstalk Rejection
Signal Pulse Response
vs Frequency
Figure 19.
Figure 20.
Stability
Stability
vs
vs
Capacitive
Capacitive
Load, RL = 20 kΩ
Load RL = 1 MΩ
Figure 21.
Figure 22.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMC6064


Similar Part No. - LMC6064IN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064IN NSC-LMC6064IN Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064IN/NOPB TI1-LMC6064IN/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6064IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com