Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMC6064IN Datasheet(PDF) 7 Page - Texas Instruments

Part # LMC6064IN
Description  LMC6064 Precision CMOS Quad Micropower Operational Amplifier
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC6064IN Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMC6064IN Datasheet HTML 3Page - Texas Instruments LMC6064IN Datasheet HTML 4Page - Texas Instruments LMC6064IN Datasheet HTML 5Page - Texas Instruments LMC6064IN Datasheet HTML 6Page - Texas Instruments LMC6064IN Datasheet HTML 7Page - Texas Instruments LMC6064IN Datasheet HTML 8Page - Texas Instruments LMC6064IN Datasheet HTML 9Page - Texas Instruments LMC6064IN Datasheet HTML 10Page - Texas Instruments LMC6064IN Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LMC6064
www.ti.com
SNOS656D – AUGUST 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Power Supply Rejection
Common Mode
Ratio
Rejection Ratio
vs
vs Frequency
Frequency
Figure 7.
Figure 8.
Input Voltage Noise
Output Characteristics
vs Frequency
Sourcing Current
Figure 9.
Figure 10.
Gain and Phase Response
Output Characteristics
vs Temperature
Sinking Current
(
−55°C to +125°C)
Figure 11.
Figure 12.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LMC6064


Similar Part No. - LMC6064IN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMC6064IN NSC-LMC6064IN Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064IN/NOPB TI1-LMC6064IN/NOPB Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
More results

Similar Description - LMC6064IN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMC6064 TI1-LMC6064 Datasheet
1Mb / 22P
[Old version datasheet]   LMC6064 Precision CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6064 NSC-LMC6064 Datasheet
329Kb / 12P
   Precision CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMC6064EP TI1-LMC6064EP Datasheet
480Kb / 18P
[Old version datasheet]   Precision CMOS Quad Micropower Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Texas Instruments
LMC6044 TI1-LMC6044_17 Datasheet
1Mb / 23P
[Old version datasheet]   CMOS Quad Micropower Operational Amplifier
logo
National Semiconductor ...
LMC6044 NSC-LMC6044 Datasheet
387Kb / 12P
   CMOS Quad Micropower Operational Amplifier
logo
Texas Instruments
LMP2234 TI1-LMP2234 Datasheet
1Mb / 31P
[Old version datasheet]   Quad Micropower, 1.6V, Precision, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com