Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8905CLB Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A8905CLB
Description  3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8905CLB Datasheet(HTML) 5 Page - Allegro MicroSystems

  A8905CLB Datasheet HTML 1Page - Allegro MicroSystems A8905CLB Datasheet HTML 2Page - Allegro MicroSystems A8905CLB Datasheet HTML 3Page - Allegro MicroSystems A8905CLB Datasheet HTML 4Page - Allegro MicroSystems A8905CLB Datasheet HTML 5Page - Allegro MicroSystems A8905CLB Datasheet HTML 6Page - Allegro MicroSystems A8905CLB Datasheet HTML 7Page - Allegro MicroSystems A8905CLB Datasheet HTML 8Page - Allegro MicroSystems A8905CLB Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
8905
3-PHASE BRUSHLESS DC
MOTOR CONTROLLER/DRIVER
TERMINAL FUNCTIONS
Term.
Terminal Name
Function
1
LOAD SUPPLY
VBB; the 5 V or 12 V motor supply.
2CD2
One of two capacitors used to generate the ideal commutation points from the back-EMF
zero-crossing points.
3CWD
Timing capacitor used by the watchdog circuit to disable the back-EMF comparators
during commutation transients, and to detect incorrect motor position.
4CST
Startup oscillator timing capacitor.
5
OUTA
Power amplifier output A to motor.
6-7
GROUND
Power and logic ground and thermal heat sink.
8
OUTB
Power amplifier output B to motor.
9
OUTC
Power amplifier output C to motor.
10
CENTERTAP
Motor centertap connection for back-EMF detection circuitry.
11
BRAKE
Active low turns ON all three sink drivers shorting the motor windings to ground. External
capacitor and resistor at BRAKE provide brake delay. The brake function can also be
controlled via the serial port.
12
CRES
External reservoir capacitor used to hold charge to drive the source drivers’ gates. Also
provides power for brake circuit.
13
FILTER
Analog voltage input to control motor current. Also, compensation node for internal speed
control loop.
14
INDEX
External tachometer input.
15
LOGIC SUPPLY
VDD; the 5 V logic supply.
16
OSCILLATOR
Clock input for the speed reference counter. Typical max. frequency is 10 MHz.
17
DATA OUT
Thermal shutdown indicator, FCOM, TACH, or SYNC signals available in real time,
controlled by 2-bit multiplexer in serial port.
18-19
GROUND
Power and logic ground and thermal heat sink.
20
RESET
When pulled low forces the chip into sleep mode; clears all serial port bits.
21
CHIP SELECT
Strobe input (active low) for data word.
22
CLOCK
Clock input for serial port.
23
DATA IN
Sequential data input for the serial port.
24
CD1
One of two capacitors used to generate the ideal commutation points from the back-EMF
zero-crossing points.


Similar Part No. - A8905CLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8902 ALLEGRO-A8902 Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8902CLBA ALLEGRO-A8902CLBA Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904 ALLEGRO-A8904 Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904 ALLEGRO-A8904 Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
More results

Similar Description - A8905CLB

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8904SLB ALLEGRO-A8904SLB Datasheet
1Mb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8902A ALLEGRO-8902A Datasheet
156Kb / 12P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
8904 ALLEGRO-8904 Datasheet
737Kb / 18P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
A8904SLBTR ALLEGRO-A8904SLBTR Datasheet
627Kb / 18P
   3-Phase Brushless DC Motor Controller/Driver with Back EMF Sensing
8906 ALLEGRO-8906 Datasheet
159Kb / 12P
   BIDIRECTIONAL 3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING
March 1, 1999
8909 ALLEGRO-8909 Datasheet
63Kb / 2P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER WITH BACK-EMF SENSING AND POWER DMOS OUTPUTS
April 3, 1995
2936-120 ALLEGRO-2936-120 Datasheet
211Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
2936-120 ALLEGRO-2936-120_02 Datasheet
146Kb / 10P
   3-PHASE BRUSHLESS DC MOTOR CONTROLLER/DRIVER
logo
TRINAMIC Motion Control...
TMC603A TRINAMIC-TMC603A Datasheet
987Kb / 44P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
TMC603 TRINAMIC-TMC603_1 Datasheet
888Kb / 41P
   Three phase motor driver with BLDC back EMF commutation hallFX??and current sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com