Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5046SQX Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5046SQX
Description  LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5046SQX Datasheet(HTML) 1 Page - Texas Instruments

  LM5046SQX Datasheet HTML 1Page - Texas Instruments LM5046SQX Datasheet HTML 2Page - Texas Instruments LM5046SQX Datasheet HTML 3Page - Texas Instruments LM5046SQX Datasheet HTML 4Page - Texas Instruments LM5046SQX Datasheet HTML 5Page - Texas Instruments LM5046SQX Datasheet HTML 6Page - Texas Instruments LM5046SQX Datasheet HTML 7Page - Texas Instruments LM5046SQX Datasheet HTML 8Page - Texas Instruments LM5046SQX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Vout
T1
T1
Vin
ISOLATED
FEEDBACK
SSOFF
VCC
REF
AGND
PGND
SS
RES
RT
UVLO
VIN
HO1
BST1 HS1 LO1
CS
LO2
HS2 BST2 HO2
COMP
LM5046 PHASE-SHIFTED
FULL-BRIDGE CONTROLLER
WITH INTEGRATED GATE DRIVERS
RD1
RD2
GATE
DRIVE
ISOLATION
SR1
SR2
VCC
VCC
ISOLATION
BOUNDARY
SLOPE RAMP
SSSR
OVP
Q1
Q2
Q3
Q4
LM5046
www.ti.com
SNVS703G – FEBRUARY 2011 – REVISED MARCH 2013
LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
Check for Samples: LM5046
1
FEATURES
PACKAGES
2
Highest Integration Controller for Small Form
TSSOP-28
Factor, High Density Power Converters
WQFN-28 (5mm x 5mm)
High Voltage Start-up Regulator
DESCRIPTION
Intelligent Sync Rectifier Start-up Allows
The LM5046 PWM controller contains all of the
Linear Turn-on into Pre-biased Loads
features necessary to implement a Phase-Shifted
Synchronous Rectifiers Disabled in UVLO
Full-Bridge topology power converter using either
mode and Hiccup Mode
current mode or voltage mode control. This device is
Two Independent, Programmable Dead-Time
intended to operate on the primary side of an isolated
Adjustments to Enable Zero-Volt Switching.
dc-dc converter with input voltage up to 100V. This
highly integrated controller-driver provides dual 2A
Four High Current 2A Bridge Gate Drivers
high and low side gate drivers for the four external
Wide-Bandwidth Opto-coupler Interface
bridge
MOSFETs,
plus
control
signals
for
the
Configurable for either Current Mode or
secondary side synchronous rectifier MOSFETs.
Voltage Mode Control
External resistors program the dead-time to enable
zero-volt switching of the primary FETs. Intelligent
Dual-mode Over-Current Protection
startup of the synchronous rectifiers allows monotonic
Resistor Programmed 2MHz Oscillator
turn-on of the power converter even with pre-bias
Programmable Line UVLO and OVP
load conditions. Additional features include cycle-by-
cycle
current
limiting,
hiccup
mode
restart,
programmable soft-start, synchronous rectifier soft-
start
and
a
2
MHz
capable
oscillator
with
synchronization capability and thermal shutdown.
Simplified Phase-Shifted Full-Bridge Power Converter
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2011–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5046SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5046SQX/NOPB TI1-LM5046SQX/NOPB Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - LM5046SQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5046MH TI1-LM5046MH Datasheet
1Mb / 41P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5046 TI-LM5046_15 Datasheet
1Mb / 48P
[Old version datasheet]   LM5046 Phase-Shifted Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5046 TI1-LM5046_14 Datasheet
1Mb / 42P
[Old version datasheet]   Phase-Shifted Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045 TI-LM5045_15 Datasheet
1Mb / 46P
[Old version datasheet]   Full-Bridge PWM Controller With Integrated MOSFET Drivers
LM5045MH TI-LM5045MH Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
LM5045SQ TI-LM5045SQ Datasheet
1Mb / 38P
[Old version datasheet]   Full-Bridge PWM Controller with Integrated MOSFET Drivers
UCC28951-Q1 TI1-UCC28951-Q1 Datasheet
2Mb / 71P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller
UCC28950 TI1-UCC28950_15 Datasheet
2Mb / 74P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller
UCC28950-Q1 TI1-UCC28950-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   Phase-Shifted Full-Bridge Controller With Synchronous Rectification
UCC28950 TI-UCC28950_1 Datasheet
774Kb / 45P
[Old version datasheet]   Green Phase-Shifted Full-Bridge Controller With Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com