Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMB-LN9T Datasheet(PDF) 2 Page - AAEON Technology

Part # EMB-LN9T
Description  Embedded Motherboard with Intel Atom N455/D525 Processor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AAEON [AAEON Technology]
Direct Link  http://www.aaeon.com
Logo AAEON - AAEON Technology

EMB-LN9T Datasheet(HTML) 2 Page - AAEON Technology

  EMB-LN9T Datasheet HTML 1Page - AAEON Technology EMB-LN9T Datasheet HTML 2Page - AAEON Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
10-16
Dimension
Unit: mm
Ordering Information
Optional Accessories
EMB-LN9T Rev. B
1709100208
USB Cable
1701260200
Printer Cable
1701100206
COM Cable
1709030150
SPDIF Cable
1701440187
COM Cable (DB 9-pin x 4 to 44P 2.0mm)
TF-PER-R16P-A10
Riser Card, PCI + PCI-E for Mini-ITX
TF-PER-1110-A10
Riser Card for PCI, 2-slot
Part Number
CPU
RAM
Fan/Fanless
Display
Storage
LVDS
LAN
USB
RS-232 RS-232/422/485
Expansion Slot
Power
Temp.
TF-EMB-LN9T-B10
Intel® Atom™ D525
SODIMM
Fan
VGA/DVI-D
SATA2 x 2
18/24-bit Single Channel
GbE x 2
8
8
1
Mini PCIe x 1, Mini PCI x 1,
PCI x 1
+12V/DC
0°C ~ 60°C
TF-EMB-LN9T-B10-01
Intel® Atom™ N455
SODIMM
Fanless
VGA/DVI-D
SATA2 x 2
18/24-bit Single Channel
GbE x 2
8
8
1
Mini PCIe x 1, Mini PCI x 1,
PCI x 1
+12V/DC
0°C ~ 60°C


Similar Part No. - EMB-LN9T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-LN9T AAEON-EMB-LN9T Datasheet
287Kb / 2P
   Embedded Motherboard
EMB-LN9T AAEON-EMB-LN9T_15 Datasheet
287Kb / 2P
   Embedded Motherboard
More results

Similar Description - EMB-LN9T

ManufacturerPart #DatasheetDescription
logo
AAEON Technology
EMB-LN8T AAEON-EMB-LN8T Datasheet
284Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N455/D525 Processor
PCM-LN02 AAEON-PCM-LN02 Datasheet
280Kb / 2P
   Compact Board with Onboard Intel Atom N455/D525 Processor
GENE-LN05 AAEON-GENE-LN05 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel Atom N455/ D525 Processor
AEC-6522 AAEON-AEC-6522 Datasheet
258Kb / 2P
   Intel짰 Atom??N455/D525 Processor
EMB-9459T AAEON-EMB-9459T Datasheet
259Kb / 2P
   Embedded Motherboard with Onboard Intel Atom N270 Processor
GENE-LN05W2 AAEON-GENE-LN05W2 Datasheet
265Kb / 2P
   3.5??SubCompact Board With Intel R Atom Tm N455/ D525 Processor
ETX-LN AAEON-ETX-LN Datasheet
294Kb / 2P
   ETX CPU Module with Onboard Intel Atom D525/N455/D425 Processor
EMB-CV1 AAEON-EMB-CV1 Datasheet
331Kb / 2P
   Mini-ITX Embedded Motherboard with Intel Atom D2550 Processor
logo
Advantech Co., Ltd.
SOM-4463-B2 ADVANTECH-SOM-4463-B2_15 Datasheet
898Kb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
SOM-4463B1 ADVANTECH-SOM-4463B1 Datasheet
1Mb / 2P
   Intel짰 Atom??Processor N455/D525 ETX CPU Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com