Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5010 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5010
Description  High-Voltage 1-A Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM5010 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5010 Datasheet HTML 6Page - Texas Instruments LM5010 Datasheet HTML 7Page - Texas Instruments LM5010 Datasheet HTML 8Page - Texas Instruments LM5010 Datasheet HTML 9Page - Texas Instruments LM5010 Datasheet HTML 10Page - Texas Instruments LM5010 Datasheet HTML 11Page - Texas Instruments LM5010 Datasheet HTML 12Page - Texas Instruments LM5010 Datasheet HTML 13Page - Texas Instruments LM5010 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
'I =
(VIN - VOUT) x tON
L1
V
IN
STOP
R
ON /SD
R
ON
Input
Voltage
LM5010
RUN
LM5010
SNVS307F – SEPTEMBER 2004 – REVISED FEBRUARY 2013
www.ti.com
The inverse relationship of tON vs. VIN results in a nearly constant frequency as VIN is varied. If the application
requires a high frequency the minimum value for tON, and consequently RON, is limited by the off-time (265 ns,
±15%) which limits the maximum duty cycle at minimum VIN. The tolerance for Equation 5 is ±25%. Frequencies
in excess of 1 MHz are possible with the LM5010.
Shutdown
The LM5010 can be remotely shut down by taking the RON/SD pin below 0.65V. See Figure 11. In this mode the
soft start pin is internally grounded, the on-timer is disabled, and the input current at VIN is reduced (Figure 7).
Releasing the RON/SD pin allows normal operation to resume. When the switch is open, the nominal voltage at
RON/SD is shown in Figure 6.
Figure 11. Shutdown Implementation
Current Limit
Current limit detection occurs during the off-time by monitoring the recirculating current through the free-wheeling
diode (D1). The detection threshold is 1.25A, ±0.25A. Referring to Typical Application Circuit and Block Diagram,
when the buck switch is off the inductor current flows through the load, into SGND, through the sense resistor, out
of ISEN and through D1. If that current exceeds the threshold the current limit comparator output switches to delay
the start of the next on-time period. The next on-time starts when the current out of ISEN is below the threshold
and the voltage at FB is below 2.5V. If the overload condition persists causing the inductor current to exceed the
threshold during each on-time, that is detected at the beginning of each off-time. The operating frequency is
lower due to longer-than-normal off-times.
Figure 12 illustrates the inductor current waveform. During normal operation the load current is IO, the average of
the ripple waveform. When the load resistance decreases the current ratchets up until the lower peak attempts to
exceed the threshold. During the Current Limited portion of Figure 12, the current ramps down to the threshold
during each off-time, initiating the next on-time (assuming the voltage at FB is < 2.5V). During each on-time the
current ramps up an amount equal to:
(6)
During this time the LM5010 is in a constant current mode, with an average load current (IOCL) equal to the
threshold +
ΔI/2.
The “valley current limit” technique allows the load current to exceed the current limit threshold as long as the
lower peak of the inductor current is less than the threshold.
10
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM5010


Similar Part No. - LM5010

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5010 NSC-LM5010 Datasheet
453Kb / 19P
   High Voltage 1A Step Down Switching Regulator
LM5010A NSC-LM5010A Datasheet
775Kb / 17P
   High Voltage 1A Step Down Switching Regulator
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A-Q1 TI1-LM5010A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
More results

Similar Description - LM5010

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5010A TI-LM5010A Datasheet
1,017Kb / 25P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010 TI-LM5010_15 Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI1-LM5010A_14 Datasheet
1Mb / 28P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010SD TI1-LM5010SD Datasheet
1Mb / 26P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM5010A TI-LM5010A_15 Datasheet
1Mb / 27P
[Old version datasheet]   High-Voltage 1-A Step-Down Switching Regulator
LM2575 TI-LM2575 Datasheet
195Kb / 12P
[Old version datasheet]   1-A SIMPLE STEP DOWN SWITCHING VOLTAGE REGULATOR
LM2575 TI-LM2575_06 Datasheet
171Kb / 10P
[Old version datasheet]   1-A SIMPLE STEP-DOWN SWITCHING VOLTAGE REGULATOR
logo
STMicroelectronics
L5981 STMICROELECTRONICS-L5981_08 Datasheet
872Kb / 37P
   1 A step-down switching regulator
logo
Analog Devices
ADP3050ARZ AD-ADP3050ARZ Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
ADP3050 AD-ADP3050_15 Datasheet
354Kb / 20P
   200 kHz, 1 A High Voltage Step-Down Switching Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com