Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF8915 Datasheet(PDF) 2 Page - International Rectifier

Part # IRF8915
Description  Dual SO-8 MOSFET for POL converters in desktop
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF8915 Datasheet(HTML) 2 Page - International Rectifier

  IRF8915 Datasheet HTML 1Page - International Rectifier IRF8915 Datasheet HTML 2Page - International Rectifier IRF8915 Datasheet HTML 3Page - International Rectifier IRF8915 Datasheet HTML 4Page - International Rectifier IRF8915 Datasheet HTML 5Page - International Rectifier IRF8915 Datasheet HTML 6Page - International Rectifier IRF8915 Datasheet HTML 7Page - International Rectifier IRF8915 Datasheet HTML 8Page - International Rectifier IRF8915 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF8915
2
www.irf.com
S
D
G
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
20
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.015
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
14.6
18.3
m
–––
21.6
27
VGS(th)
Gate Threshold Voltage
1.7
–––
2.5
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-4.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
12
–––
–––
S
Qg
Total Gate Charge
–––
4.9
7.4
Qgs1
Pre-Vth Gate-to-Source Charge
–––
1.8
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
0.61
–––
nC
Qgd
Gate-to-Drain Charge
–––
1.7
–––
Qgodr
Gate Charge Overdrive
–––
0.79
–––
See Fig. 6
Qsw
Switch Charge (Qgs2 + Qgd)
–––
2.3
–––
Qoss
Output Charge
–––
2.7
–––
nC
td(on)
Turn-On Delay Time
–––
6.0
–––
tr
Rise Time
–––12–––
ns
td(off)
Turn-Off Delay Time
–––
7.1
–––
tf
Fall Time
–––
3.6
–––
Ciss
Input Capacitance
–––
540
–––
Coss
Output Capacitance
–––
180
–––
pF
Crss
Reverse Transfer Capacitance
–––
91
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
2.5
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
71
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
1.0
V
trr
Reverse Recovery Time
–––
13
19
ns
Qrr
Reverse Recovery Charge
–––
3.5
5.2
nC
–––
ID = 7.1A
VGS = 0V
VDS = 10V
VGS = 4.5V, ID = 7.1A
e
VGS = 4.5V
Typ.
–––
VDS = VGS, ID = 250µA
Clamped Inductive Load
VDS = 10V, ID = 7.1A
VDS = 16V, VGS = 0V, TJ = 125°C
TJ = 25°C, IF = 7.1A, VDD = 10V
di/dt = 100A/µs
e
TJ = 25°C, IS = 7.1A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
VDS = 10V, VGS = 0V
VDD = 4.5V, VGS = 4.5V
ID = 7.1A
VDS = 10V
VGS = 20V
VGS = -20V
VDS = 16V, VGS = 0V
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 8.9A e
Conditions
Max.
15
7.1
ƒ = 1.0MHz


Similar Part No. - IRF8915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF8915 IRF-IRF8915 Datasheet
215Kb / 10P
   HEXFETPower MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
188Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   HEXFET Power MOSFET
IRF8915PBF IRF-IRF8915PBF Datasheet
291Kb / 10P
   Ultra-Low Gate Impedance
IRF8915PBF IRF-IRF8915PBF_08 Datasheet
291Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF8915

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905TRPBF IRF-IRF7905TRPBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7907PBF IRF-IRF7907PBF_08 Datasheet
331Kb / 10P
   Dual SO-8 MOSFET for POL
IRF9910 IRF-IRF9910 Datasheet
279Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GTRPBF IRF-IRF8910GTRPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910PBF IRF-IRF8910PBF_08 Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL converters in desktop, servers, graphics cards, game consoles and set-top box
IRF8910GPBF IRF-IRF8910GPBF Datasheet
290Kb / 10P
   Dual SO-8 MOSFET for POL Halogen-Free
IRF9910PBF IRF-IRF9910PBF_08 Datasheet
299Kb / 10P
   Dual SO-8 MOSFET for POL Low Gate Charge
IRF7904PBF IRF-IRF7904PBF Datasheet
258Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers, Servers, Graphics Cards, Game Consoles and Set-Top Box
logo
Diodes Incorporated
ZXGD3109N8 DIODES-ZXGD3109N8 Datasheet
809Kb / 13P
   SYNCHRONOUS MOSFET CONTROLLER IN SO-8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com