Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8283 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # 8283
Description  LNB SUPPLY AND CONTROL-VOLTAGE REGULATOR
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

8283 Datasheet(HTML) 4 Page - Allegro MicroSystems

  8283 Datasheet HTML 1Page - Allegro MicroSystems 8283 Datasheet HTML 2Page - Allegro MicroSystems 8283 Datasheet HTML 3Page - Allegro MicroSystems 8283 Datasheet HTML 4Page - Allegro MicroSystems 8283 Datasheet HTML 5Page - Allegro MicroSystems 8283 Datasheet HTML 6Page - Allegro MicroSystems 8283 Datasheet HTML 7Page - Allegro MicroSystems 8283 Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8283
LNB SUPPLY AND
CONTROL-VOLTAGE REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
4
ELECTRICAL CHARACTERISTICS at T
A = 25°C, ENT = L, EN = H, OSEL = H, LLC = L, VIN = 24 V,
I
OUT = 50 mA (unless otherwise noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Overload Flag Logic Low
V
OL
I
OL = 8 mA
0.28
V
Overload Flag Leakage Current
I
OZ
V
OH = 5.5 V
<1.0
µA
Logic Input Voltage
V
IL
——
0.8V
V
IH
2.0
V
Logic Input Current
I
IH
V
IH = 5 V
<1.0
µA
Supply Current
I
IN
Outputs disabled (EN = L)
0.5
mA
ENT = H, I
O = 600 mA, VO = 13 V
382
mA
Thermal Shutdown Temp.
T
J
165
°C
Linear Regulator Voltage Drop
∆V
BUCK
V
BULK – VO
—0.8—
V
Switching Frequency
f
O
16 • f
tone
320
352
384
kHz
Bypass Switch Current Limit
I
swM
OSEL = L
630
900
mA
Bypass Switch Voltage Drop
V
sw
OSEL = L, I
sw = 300 mA
0.15
V
(MI to LNB)


Similar Part No. - 8283

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8283 INTEL-8283 Datasheet
207Kb / 4P
   OCTAL LATCH
82830MP INTEL-82830MP Datasheet
1Mb / 159P
   Intel 830MP Chipset: 82830MP Graphics and Memory Controller Hub (GMCH-M)
More results

Similar Description - 8283

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8285 ALLEGRO-A8285 Datasheet
400Kb / 17P
   LNB Supply and Control Voltage Regulator
logo
STMicroelectronics
LNBP8 STMICROELECTRONICS-LNBP8 Datasheet
129Kb / 8P
   LNB SUPPLY AND CONTROL VOLTAGE REGULATOR
LNBP8 STMICROELECTRONICS-LNBP8_06 Datasheet
191Kb / 13P
   LNB Supply and control voltage regulator
logo
Allegro MicroSystems
A8285SLBTR-T ALLEGRO-A8285SLBTR-T Datasheet
470Kb / 18P
   LNB Supply and Control Voltage Regulator
A8285 ALLEGRO-A8285 Datasheet
527Kb / 17P
   LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
   Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
   Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8292 ALLEGRO-A8292 Datasheet
408Kb / 19P
   Dual LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
   Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
   Single LNB Supply and Control Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com