Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2119 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP2119
Description  2A, 6V Synchronous Step-Down Switching Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2119 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP2119 Datasheet HTML 1Page - Monolithic Power Systems MP2119 Datasheet HTML 2Page - Monolithic Power Systems MP2119 Datasheet HTML 3Page - Monolithic Power Systems MP2119 Datasheet HTML 4Page - Monolithic Power Systems MP2119 Datasheet HTML 5Page - Monolithic Power Systems MP2119 Datasheet HTML 6Page - Monolithic Power Systems MP2119 Datasheet HTML 7Page - Monolithic Power Systems MP2119 Datasheet HTML 8Page - Monolithic Power Systems MP2119 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MP2119 – 2A, 6V SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR
MP2119 Rev. 0.94
www.MonolithicPower.com
3
4/22/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (5)
VIN = VEN = 3.6V, TA = +25°C, unless otherwise noted.
Parameters
Condition
Min
Typ
Max
Units
Supply Current
VEN = VIN
VFB = 0.85V
750
µA
Shutdown Current
VEN = 0V, VIN = 5V
1
µA
IN
Undervoltage
Lockout
Threshold
Rising Edge
2.59
2.69
V
IN
Undervoltage
Lockout
Hysteresis
210
mV
Regulated FB Voltage
TA = +25°C
0.776
0.800
0.824
V
FB Input Current
VFB = 0.85V
±50
nA
EN High Threshold
-40°C ≤ TA ≤ +85°C
1.6
V
EN Low Threshold
-40°C ≤ TA ≤ +85°C
0.4
V
Internal Soft-Start Time
120
µs
High-Side Switch On-Resistance
ISW = 300mA
100
mΩ
Low-Side Switch On-Resistance
ISW = –300mA
100
mΩ
SW Leakage Current
VEN = 0V; VIN = 5V
VSW = 0V or 5V
–10
10
µA
BS
Under
Voltage
Lockout
Threshold
1.8
V
High-Side Switch Current Limit
Sourcing
TBD
3.5
A
Low-Side Switch Current Limit
Sinking
3.5
A
Oscillator Frequency
1.2
1.5
1.8
MHz
Maximum Synch Frequency
2
MHz
Minimum Synch Frequency
1
MHz
Minimum On Time
50
ns
Maximum Duty Cycle
90
%
POK Upper Trip Threshold
FB respect to the nominal value
10
%
POK Lower Trip Threshold
FB respect to the nominal value
-10
%
POK Output Voltage Low
ISINK = 5mA
0.4
V
POK Deglitch Timer
30
µs
Thermal Shutdown Threshold
Hysteresis = 20°C
150
°C
Note:
5) Production test at +25°C. Specifications over the temperature range are guaranteed by design and characterization.


Similar Part No. - MP2119

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2110 MPS-MP2110 Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2110GQ MPS-MP2110GQ Datasheet
619Kb / 15P
   3A Synchronous Step-Down Converter with Programmable Input Current Limit
MP2112 MPS-MP2112 Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
162Kb / 4P
   1A, 1MHz Synchronous Step-Down Converter
MP2112DQ MPS-MP2112DQ Datasheet
278Kb / 8P
   1MHz, 1A Synchronous Step-Down Converter
More results

Similar Description - MP2119

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2107 MPS-MP2107 Datasheet
432Kb / 14P
   4A, 6V Synchronous Step-Down Switching Regulator
EV28115DQ-00C MPS-EV28115DQ-00C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
logo
Semtech Corporation
SC3102 SEMTECH-SC3102 Datasheet
1Mb / 17P
   2A Synchronous Step-Down Regulator
logo
Monolithic Power System...
EV28115DQ-01C MPS-EV28115DQ-01C Datasheet
196Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
EV28115DQ-00B MPS-EV28115DQ-00B Datasheet
182Kb / 4P
   4A, 6V, Synchronous Step-Down Switching Regulator EV Board
logo
Richtek Technology Corp...
RT8097A RICHTEK-RT8097A Datasheet
1Mb / 16P
   6V, 2A, 1MHz, CMCOT Synchronous Step-Down Converter
RT8097D RICHTEK-RT8097D Datasheet
475Kb / 16P
   2A, 1MHz, 6V CMCOT Synchronous Step-Down Converter
June 2021
logo
Shenzhen Huazhimei Semi...
HM3412 HMSEMI-HM3412 Datasheet
2Mb / 10P
   6V 6.0A 1.2MHz Synchronous Step-Down Regulator
logo
STMicroelectronics
L4978 STMICROELECTRONICS-L4978_05 Datasheet
584Kb / 13P
   2A STEP DOWN SWITCHING REGULATOR
L5985 STMICROELECTRONICS-L5985 Datasheet
955Kb / 36P
   2A step-down switching regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com