Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P11YT Datasheet(PDF) 1 Page - Rohm

Part # SML-P11YT
Description  0402<1.0 0.6 t=0.2mm> Low Current Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P11YT Datasheet(HTML) 1 Page - Rohm

  SML-P11YT Datasheet HTML 1Page - Rohm SML-P11YT Datasheet HTML 2Page - Rohm SML-P11YT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SML-P11DT
Orange
SML-P11UT
SML-P11VT
Red
Yellow
SML-P11YT
Green(Yellowish Green)
SML-P11MT
AlGaInP on GaAs
Directivity (Typ.)
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
52
52
50
50
54
20
100
5
-40 to +85
-40 to +100
:Duty
1/10, 1kHz.
Absolute Maximum Ratings (Ta=25
°C)
Electrical Optical Characteristics (Ta=25
°C)
Dimensions (Unit:mm)
Tolerance:± 0.1
(Unit:mm)
The recommended thickness of the screen mask
for soldering is between 80 and 130µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-P11 Series
Yellow
Orange
Red
Red
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
( C)
Storage
temperature
Tstg
( C)
Emitting
color
0402<1.0 0.6 t=0.2mm>
Low Current Type
Green
(Yellowish Green)
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <10,000pcs/reel>
Feeding direction
Reel Specifications
11.4±1
Tolerance:± 0.2
Tolerance:± 0.2
1
100
4
0.63
2.5
2.5
1.6
1.0
2.1
7.6
7.3
5.5
3.6
569
586
605
621
626
11
1.9
1.9
1.8
1.8
1.8
Transparent
Colorless
SML-P11MT
SML-P11YT
SML-P11DT
SML-P11UT
SML-P11VT
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λD
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(µA)
Resin Color
VR
(V)
Dominant
0.6
2±0.05
φ1.5
0.68
+0.1
0
4±0.1
Label Position
PICOLEDTM - ECO
1006(0402) 1.0
×0.6(t=0.2)
0.28±0.1
RELATIVE LUMINOUS INTENSITY (%)
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
X - Y
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
X' - Y'
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°


Similar Part No. - SML-P11YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P11YT ROHM-SML-P11YT Datasheet
127Kb / 3P
   Low Current Type
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   Ultra compact
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P11YT ROHM-SML-P11YT Datasheet
278Kb / 11P
   Ultra compact, thin size
More results

Similar Description - SML-P11YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
   Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
logo
SunLED Corporation
XZDG68W5MAV-3 SUNLED-XZDG68W5MAV-3 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZBBR68W5MAV-3 SUNLED-XZBBR68W5MAV-3_V01 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01, 2020
XZFBA68W5MAV-3 SUNLED-XZFBA68W5MAV-3 Datasheet
269Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZVGR68W-3 SUNLED-XZVGR68W-3_V01 Datasheet
270Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01,2020
logo
Rohm
SMLP36 ROHM-SMLP36 Datasheet
120Kb / 2P
   Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com