Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-P11YT Datasheet(PDF) 3 Page - Rohm

Part # SML-P11YT
Description  0402<1.0 0.6 t=0.2mm> Low Current Type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-P11YT Datasheet(HTML) 3 Page - Rohm

  SML-P11YT Datasheet HTML 1Page - Rohm SML-P11YT Datasheet HTML 2Page - Rohm SML-P11YT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Notes
No technical content pages of this document may be reproduced in any form or transmitted by any
means without prior permission of ROHM CO.,LTD.
The contents described herein are subject to change without notice. The specifications for the
product described in this document are for reference only. Upon actual use, therefore, please request
that specifications to be separately delivered.
Application circuit diagrams and circuit constants contained herein are shown as examples of standard
use and operation. Please pay careful attention to the peripheral conditions when designing circuits
and deciding upon circuit constants in the set.
Any data, including, but not limited to application circuit diagrams information, described herein
are intended only as illustrations of such devices and not as the specifications for such devices. ROHM
CO.,LTD. disclaims any warranty that any use of such devices shall be free from infringement of any
third party's intellectual property rights or other proprietary rights, and further, assumes no liability of
whatsoever nature in the event of any such infringement, or arising from or connected with or related
to the use of such devices.
Upon the sale of any such devices, other than for buyer's right to use such devices itself, resell or
otherwise dispose of the same, no express or implied right or license to practice or commercially
exploit any intellectual property rights or other proprietary rights owned or controlled by
ROHM CO., LTD. is granted to any such buyer.
Products listed in this document are no antiradiation design.
Appendix1-Rev2.0
Thank you for your accessing to ROHM product informations.
More detail product informations and catalogs are available, please contact your nearest sales office.
ROHM Customer Support System
THE AMERICAS / EUPOPE / ASIA / JAPAN
Contact us : webmaster @ rohm.co. jp
www.rohm.com
Copyright © 2007 ROHM CO.,LTD.
The products listed in this document are designed to be used with ordinary electronic equipment or devices
(such as audio visual equipment, office-automation equipment, communications devices, electrical
appliances and electronic toys).
Should you intend to use these products with equipment or devices which require an extremely high level
of reliability and the malfunction of which would directly endanger human life (such as medical
instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers
and other safety devices), please be sure to consult with our sales representative in advance.
It is our top priority to supply products with the utmost quality and reliability. However, there is always a chance
of failure due to unexpected factors. Therefore, please take into account the derating characteristics and allow
for sufficient safety features, such as extra margin, anti-flammability, and fail-safe measures when designing in
order to prevent possible accidents that may result in bodily harm or fire caused by component failure. ROHM
cannot be held responsible for any damages arising from the use of the products under conditions out of the
range of the specifications or due to non-compliance with the NOTES specified in this catalog.
21, Saiin Mizosaki-cho, Ukyo-ku, Kyoto 615-8585, Japan
TEL : +81-75-311-2121
FAX : +81-75-315-0172
Appendix


Similar Part No. - SML-P11YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-P11YT ROHM-SML-P11YT Datasheet
127Kb / 3P
   Low Current Type
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   Ultra compact
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   SML-P1 Series PICOLEDTM-eco/PICOLEDTM
SML-P11YT ROHM-SML-P11YT Datasheet
1Mb / 4P
   Ultra compact, thin size 1.0x0.6mm
SML-P11YT ROHM-SML-P11YT Datasheet
278Kb / 11P
   Ultra compact, thin size
More results

Similar Description - SML-P11YT

ManufacturerPart #DatasheetDescription
logo
Rohm
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLP12WB ROHM-SMLP12WB Datasheet
121Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SML-P12PT ROHM-SML-P12PT Datasheet
125Kb / 3P
   0402<1.0 0.6 t=0.2mm> Standard Type
SMLP34RGB1W ROHM-SMLP34RGB1W Datasheet
105Kb / 2P
   Tri-Color Top View 0404 <1.0 1.0 t=0.2mm> High Brightness Type
logo
SunLED Corporation
XZDG68W5MAV-3 SUNLED-XZDG68W5MAV-3 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZBBR68W5MAV-3 SUNLED-XZBBR68W5MAV-3_V01 Datasheet
264Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01, 2020
XZFBA68W5MAV-3 SUNLED-XZFBA68W5MAV-3 Datasheet
269Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Jul 27,2021
XZVGR68W-3 SUNLED-XZVGR68W-3_V01 Datasheet
270Kb / 4P
   1.0 x 0.5 x 0.2mm (0402) SMD Chip LED Lamp
Dec 01,2020
logo
Rohm
SMLP36 ROHM-SMLP36 Datasheet
120Kb / 2P
   Tri-Color Top View 0604 <1.5 1.0 t=0.2mm> High Brightness Type
logo
Everlight Electronics C...
16-219A-T2D-AR2T1QY-3T EVERLIGHT-16-219A-T2D-AR2T1QY-3T Datasheet
221Kb / 11P
   0402 Package Chip LED (0.2mm Height)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com