Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A8182SL Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8182SL
Description  LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8182SL Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8182SL Datasheet HTML 1Page - Allegro MicroSystems A8182SL Datasheet HTML 2Page - Allegro MicroSystems A8182SL Datasheet HTML 3Page - Allegro MicroSystems A8182SL Datasheet HTML 4Page - Allegro MicroSystems A8182SL Datasheet HTML 5Page - Allegro MicroSystems A8182SL Datasheet HTML 6Page - Allegro MicroSystems A8182SL Datasheet HTML 7Page - Allegro MicroSystems A8182SL Datasheet HTML 8Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
8182
LOW-DROPOUT,
3 V REGULATOR
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
0
OUTPUT CURRENT in mA
Dwg. GP-052
25
50
100
150
75
T = -20
°C
1 V INTERVALS
A
3.04
3.00
3.02
2.98
2.96
2.94
3.06
2.92
V = 8 V
I
125
V = 4 V
I
0
OUTPUT CURRENT in mA
Dwg. GP-052-1
25
50
100
150
75
T = 25
°C
1 V INTERVALS
A
3.04
3.00
3.02
2.98
2.96
2.94
3.06
2.92
125
V = 8 V
I
V = 4 V
I
2.0
Dwg. GP-053
3.0
4.0
6.0
8.0
5.0
T = -20
°C
50 mA INTERVALS
A
3.04
3.00
3.02
2.98
2.96
2.94
3.06
2.92
I
= 0 mA
O
I
= 100 mA
O
INPUT VOLTAGE in VOLTS
7.0
2.0
Dwg. GP-053-1
3.0
4.0
6.0
8.0
5.0
T = 25
°C
50 mA INTERVALS
A
3.04
3.00
3.02
2.98
2.96
2.94
3.06
2.92
I
= 0 mA
O
I
= 100 mA
O
INPUT VOLTAGE in VOLTS
7.0
CAUTION:
Maximum allowable duty cycle will be significantly less than 100% at high temperatures, at high input voltages, or at high output currents.
See Maximum Allowable Output Current table.
TYPICAL CHARACTERISTICS
LOAD REGULATION
LINE REGULATION


Similar Part No. - A8182SL

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
A8180 AITSEMI-A8180 Datasheet
794Kb / 19P
   LED LIGHTING DRIVER HIGH BRIGHTNESS LED DRIVER WITH INTERNAL SWITCH
REV3.0 - APR 2010
logo
Sanken electric
A8180SLU SANKEN-A8180SLU Datasheet
53Kb / 4P
   Surface-Mount, Low Quiescent Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181 ALLEGRO-A8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Sanken electric
A8181SLB SANKEN-A8181SLB Datasheet
58Kb / 4P
   Surface-Mount, Low Circuit Current, Low Dropout Voltage Dropper Type
logo
Allegro MicroSystems
A8181SLB ALLEGRO-A8181SLB Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
More results

Similar Description - A8182SL

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
8183 ALLEGRO-8183 Datasheet
108Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8184 ALLEGRO-8184 Datasheet
119Kb / 8P
   LOW-DROPOUT, 3 V REGULATOR . HIGH EFFICIENCY
8186 ALLEGRO-8186 Datasheet
76Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
January 12, 1995
8187 ALLEGRO-8187 Datasheet
118Kb / 8P
   LOW-DROPOUT, 3.3 V REGULATOR . HIGH EFFICIENCY
8181 ALLEGRO-8181 Datasheet
103Kb / 8P
   LOW-DROPOUT, 5 V REGULATOR . HIGH EFFICIENCY
logo
Micrel Semiconductor
MIC38300 MICREL-MIC38300_13 Datasheet
907Kb / 15P
   3A High-Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150 Datasheet
421Kb / 15P
   1.5A High Efficiency Low Dropout Regulator
MIC38150 MICREL-MIC38150_10 Datasheet
507Kb / 15P
   HELDO짰 1.5A High Efficiency Low Dropout Regulator
MIC38300 MICREL-MIC38300_10 Datasheet
574Kb / 12P
   HELDO 3A High Efficiency Low Dropout Regulator
logo
First Components Intern...
LT1084 FCI-LT1084 Datasheet
615Kb / 4P
   5.0A LOW DROPOUT POSITIVE REGULATOR High Efficiency Liner Regulators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com