Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX1515M-31S-0SV Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FX1515M-31S-0SV
Description  1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FX1515M-31S-0SV Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FX1515M-31S-0SV Datasheet HTML 1Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 2Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 3Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 4Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 5Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 6Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 7Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 8Page - List of Unclassifed Manufacturers FX1515M-31S-0SV Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
B277
FX15 Seriesq1mm Pitch Cable-to-Board Connectors supporting LVDS signal
Note 1: Packaged in trays.
Note 2: Dimensions in parenthesis ( ) are reference dimensions.
YES
RoHS
Part number
FX15SW-31P-C
CL575-2113-1
31
CL No.
Number of contacts
C±0.3
F±0.15
P=1±0.1
P=1±0.1
E±0.15
No.1
No.n-1
No.2
No.n
B±0.3
(A)
(D)
4.2±0.3
Polarizing mark
indicator
qWithout shields (FX15M-**P-C)
Part number
FX15M-21P-C
FX15M-31P-C
CL575-2109-4
CL575-2108-1
21
31
24.8
29.8
CL No.
Number of contacts
A
B
17.6
22.6
C
13.7
18.7
D
25.8
30.8
E
9
14
F
10
15
G
YES
RoHS
20.5
25.5
Note 1: Sold in package containing 100 pieces. Order by package.
Note 2: Dimensions in parenthesis ( ) are reference dimensions.
4±0.3
24.6±0.3
(27)
18.3±0.3
3.7±0.3
22.57±0.15
2.7±0.1
14±0.15
P=1±0.1
P=1±0.1
15±0.15
No.1
No.2
No.30
No.31
B
28
A
Polarizing mark
indicator
qWith shields – enhanced shielding
AWG#28 to 30 (FX15SW-31P-C)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX1515M-31S-0SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-2830PCFB HIROSE-FX15-2830PCFB Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
FX15-3032PCFA HIROSE-FX15-3032PCFA Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15-3032PCFB HIROSE-FX15-3032PCFB Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
More results

Similar Description - FX1515M-31S-0SV

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX15-31P-C HIROSE-FX15-31P-C Datasheet
1Mb / 24P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15S-51S HIROSE-FX15S-51S Datasheet
1Mb / 25P
   1mm Pitch Cable-to-Board Connectors supporting LVDS signal
FX15 HIROSE-FX15 Datasheet
2Mb / 24P
   1mm Pitch Wire-to-Board Connectors supporting LVDS signal
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF50S-50DS-1C HIROSE-DF50S-50DS-1C Datasheet
1Mb / 12P
   1mm Pitch, Board to Cable Lock Connector
DF50 HIROSE-DF50 Datasheet
629Kb / 12P
   1mm Pitch, Board to Wire Lock Connector
DF9 HIROSE-DF9 Datasheet
193Kb / 7P
   1mm Pitch SMT Board-to-Board Connectors(Standard Interface Connector Compliant with VESA FPDI-1)
DF19 HIROSE-DF19_1 Datasheet
561Kb / 13P
   1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
logo
Samtec, Inc
S1SS-05-28-GF-07.00-S SAMTEC-S1SS-05-28-GF-07.00-S Datasheet
335Kb / 2P
   1MM CABLE ASSEMBLY
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com