Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AF11A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AF11A
Description  METRAport 3A Folding Analog Multimeter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AF11A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AF11A Datasheet HTML 1Page - List of Unclassifed Manufacturers AF11A Datasheet HTML 2Page - List of Unclassifed Manufacturers AF11A Datasheet HTML 3Page - List of Unclassifed Manufacturers AF11A Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3-349-302-03
1/4.04
GOSSEN METRAWATT GMBH
METRAport3A
Folding Analog Multimeter
300 V CAT III
600 V CAT II
IEC/EN 61010-1, second edition
Applications
The multimeter is equipped with an indicator display and an
electronic amplifier. It can be used in a wide variety of practical
electronics applications, for example in R&D, manufacturing,
equipment operation, in the test lab and for service calls, as well
as for training and vocational education.
Description
The multimeter has 46 measuring ranges for direct and
alternating voltages of up to 600 V, alternating voltage levels from
-40 to +62 dB, direct and alternating current of up to 10 A and
resistances of up to 20 M
Ω. It has a constant input resistance of
10 M
Ω in all voltage measuring ranges.
The multimeter is calibrated in RMS values for periodic sinusoidal
quantities. It makes use of full-wave rectification for the evaluation
of the arithmetic mean value.
All measuring ranges can be selected with the central measuring
range selector switch. The ranges are laid out in a clear-cut
fashion around the selector switch.
The measuring device and the display unit are enclosed in two
separate housing components which are connected to each
other by means of a hinge which can be snapped into various
positions. In this way, the ideal angle for ease of reading can be
selected with the instrument in any position.
Several well coordinated safety devices protect the instrument
against damage caused by incorrect operation and overloading
within the specified overload limit values:
Oversized precision resistors
Fuse link in combination with protective rectifier diodes
Overvoltage arrester / positive temperature coefficient
resistors (PTCs)
The instrument can be operated independent of mains current
with a commercially available 9 V flat cell battery. Long battery
service life is assured thanks to the minimal current consumption
of the instrument’s electronic components.
The multimeter’s rugged design provides for outstanding
protection where harsh mechanical stressing prevails. When
folded together, the instrument is provided with extra mechanical
protection for the measuring device, as well as for the display unit.
The connector jacks are protected against accidental contact.
Suitable measurement cables with 4 mm test probes are included
as standard equipment.
Applicable Regulations and Standards
IEC/EN 61010-1:2001
VDE 0411-1:2002
Safety requirements for electrical equipment for
measurement, control and laboratory use
DIN EN 61326
VDE 0843, part 20
Electrical equipment for control technology and
laboratory use – EMC requirements
DIN EN 60529
DIN VDE 0470, part 1
Test instruments and test procedures
– Degrees of protection provided by enclosures (IP code)
9 voltage measuring ranges, V
:
100 mV, 300 mV, 1 V, 3 V, 10 V, 30 V, 100 V, 300 V and 600 V
7 current measuring ranges, A
:
10
µA, 100 µA, 1mA, 10 mA, 100 mA, 1A and 10 A
5 resistance measuring ranges: 1
Ω ... 2 kΩ/ 10 Ω ... 20 kΩ/
100
Ω ... 200 kΩ/ 1 kΩ ... 2 MΩ/ 10 kΩ ... 20 MΩ
9 level measuring ranges: -40 dB ... +62 dB
High input resistance of 10 M
for no-load voltage measurement
Reflective scale in folding lid which can be tilted for easy
reading and provides transport protection as well,
accuracy class 1.5 =
Overload protection: 600 V
in all functions and range settings
•Automatic battery shutdown when instrument is folded closed


Similar Part No. - AF11A

ManufacturerPart #DatasheetDescription
logo
ABB
AF116-30-11-13 ABB-AF116-30-11-13 Datasheet
234Kb / 6P
   AF116-30-11-13 Contactor
logo
Taiyo Yuden (U.S.A.), I...
AF116F157501-T TAIYO-YUDEN-AF116F157501-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AF116F1575S1-T TAIYO-YUDEN-AF116F1575S1-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AF116F245001-T TAIYO-YUDEN-AF116F245001-T Datasheet
529Kb / 8P
   CHIP ANTENNA
AF116F2450S1-T TAIYO-YUDEN-AF116F2450S1-T Datasheet
529Kb / 8P
   CHIP ANTENNA
More results

Similar Description - AF11A

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3030-10 ASM-SENSOR-3030-10 Datasheet
336Kb / 2P
   ANALOG MULTIMETER
logo
Extech Instruments Corp...
38070 EXTECH-38070 Datasheet
254Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38070 EXTECH-38070_15 Datasheet
201Kb / 1P
   Compact Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
MN25 EXTECH-MN25 Datasheet
289Kb / 15P
   MultiMeter
logo
Lineage Power Corporati...
PVX003A0X3-SRZ LINEAGEPOWER-PVX003A0X3-SRZ Datasheet
1Mb / 23P
   3A Analog Pico DLynxTM:
logo
Energizer
ENFFL81E ENERGIZER-ENFFL81E Datasheet
242Kb / 1P
   Folding Lantern
logo
ASM GmbH
4281 ASM-SENSOR-4281 Datasheet
2Mb / 4P
   DIGITALE MULTIMETER
logo
TEKTRONIX, INC.
DMM4040 TEKTRONIX-DMM4040 Datasheet
2Mb / 112P
   Digital Multimeter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com