Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2750SDX-ADJ Datasheet(PDF) 1 Page - Texas Instruments

Part # LM2750SDX-ADJ
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750SDX-ADJ Datasheet(HTML) 1 Page - Texas Instruments

  LM2750SDX-ADJ Datasheet HTML 1Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 2Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 3Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 4Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 5Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 6Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 7Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 8Page - Texas Instruments LM2750SDX-ADJ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
VOUT
VIN
VIN
2.7V to 5.6V
GND
LM2750-5.0
CAP+
CAP-
SD
CIN
2.2 PF
COUT
2.2 PF
CFLY
1 PF
VOUT
5.0V ± 4%
8, 9
1, 2
4
10
7
3, 5, 6, DAP
Capacitors: 1.0PF - TDK C1608X5R1A105K
2.2PF - TDK C2012X7R1A225K
IOUT up to 120mA, (VIN t 2.9V)
IOUT up to 40mA, (VIN t 2.7V)
LM2750
www.ti.com
SNVS180L – APRIL 2002 – REVISED MAY 2013
LM2750 Low Noise Switched Capacitor Boost Regulator
Check for Samples: LM2750
1
FEATURES
APPLICATIONS
2
Inductorless Solution: Application Requires
White and Colored LED-based Display
Only 3 Small Ceramic Capacitors
Lighting
Fixed 5.0V Output and Adjustable Output
Cellular Phone SIM Cards
Voltage Options Available
Audio Amplifier Power Supplies
85% Peak Efficiency
General Purpose Li-Ion-to-5V Conversion
70% Average Efficiency over Li-Ion Input
Range (2.9V-to-4.2V)
DESCRIPTION
The
LM2750
is
a
regulated
switched-capacitor
Output Current up to 120mA with 2.9V
≤ VIN
doubler that produces a low-noise output voltage. The
5.6V
5.0V output voltage option (LM2750-5.0) can supply
Output Current up to 40mA with 2.7V
≤ VIN
up to 120mA of output current over a 2.9V to 5.6V
2.9V
input range, as well as up to 40mA of output current
Wide Input Voltage Range: 2.7V to 5.6V
when the input voltage is as low as 2.7V. An
adjustable output voltage option with similar output
Fixed 1.7MHz Switching Frequency for a Low-
current capabilities is also available (LM2750-ADJ).
noise, Low-ripple Output Signal
The LM2750 has been placed in TI's 10-pin WSON, a
Pre-regulation Minimizes Input Current Ripple,
package with excellent thermal properties that keeps
Keeping the Battery Line (VIN) Virtually Noise-
the part from overheating under almost all rated
free
operating conditions.
Tiny WSON Package with Outstanding Power
Dissipation: Usually no Derating Required.
Shutdown Supply Current Less Than 2µA
Typical Application Circuit
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM2750SDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750SDX-ADJ NSC-LM2750SDX-ADJ Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750SDX-ADJ/NOPB TI1-LM2750SDX-ADJ/NOPB Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
More results

Similar Description - LM2750SDX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com