Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2825 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM2825
Description  LM2825 Integrated Power Supply 1A DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2825 Datasheet(HTML) 5 Page - Texas Instruments

  LM2825 Datasheet HTML 1Page - Texas Instruments LM2825 Datasheet HTML 2Page - Texas Instruments LM2825 Datasheet HTML 3Page - Texas Instruments LM2825 Datasheet HTML 4Page - Texas Instruments LM2825 Datasheet HTML 5Page - Texas Instruments LM2825 Datasheet HTML 6Page - Texas Instruments LM2825 Datasheet HTML 7Page - Texas Instruments LM2825 Datasheet HTML 8Page - Texas Instruments LM2825 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
LM2825
www.ti.com
SNVS127C – MAY 1997 – REVISED APRIL 2013
All Output Voltage Versions Electrical Characteristics
Specifications with standard type face are for TA = 25°C, and those with boldface type apply over full Operating Range.
Unless otherwise specified, VIN = 12V for 3.3V, 5.0V and ADJ versions, VIN = 24V for 12V and H-ADJ versions, ILOAD = 100
mA.
Symbol
Parameter
Conditions
LM2825-XX
Units
(Limits)
Typical(1)
Limit(2)
ICL
DC Output Current Limit
RL = 0Ω
1.4
A
1.2
A(min)
2.4
A(max)
IQ
Operating Quiescent
SD/SS Pin = 3.1V(3)
5
mA
Current
10
mA(max)
ISTBY
Standby Quiescent
SD/SS Pin = 0V(3)
65
μA
Current
200
μA(max)
IADJ
Adjust Pin Bias Current
Adjustable Versions Only, VFB = 1.3V
6
nA
50/100
nA(max)
fO
Oscillator Frequency
See(4)
150
kHz
θJA
Thermal Resistance
Junction to Ambient(5)
30
°C/W
SHUTDOWN/SOFT-START CONTROL Test Circuit, see Figure 17
VSD
Shutdown Threshold
1.3
V
Voltage
Low (Shutdown Mode)
0.6
V(max)
High (Soft-start Mode)
2.0
V(min)
VSS
Soft-start Voltage
VOUT = 20% of Nominal Output Voltage
2
V
VOUT = 100% of Nominal Output Voltage
3
ISD
Shutdown Current
VSHUTDOWN = 0.5V
(3)
5
μA
10
μA(max)
ISS
Soft-start Current
VSOFT-START = 2.5V
(3)
1.6
μA
5
μA(max)
(1)
Typical numbers are at 25°C and represent the most likely norm.
(2)
All limits ensured at room temperature (standard type face) and at temperature extremes (bold type face) when output current is limited
to the value given in the temperature derating curves. See the Application Information section for curves. All limits at temperature
extremes are ensured using standard Statistical Quality Control (SQC) methods. All limits are used to calculate Average Outgoing
Quality Level (AOQL).
(3)
ILOAD = 0A.
(4)
The switching frequency is reduced when the second stage current limit is activated. The amount of reduction is determined by the
severity of current overload.
(5)
Junction to ambient thermal resistance (no external heat sink) for the PDIP package with the leads soldered to a printed circuit board
with (1 oz.) copper area of approximately 2 in2.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM2825


Similar Part No. - LM2825

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825HN-ADJ NSC-LM2825HN-ADJ Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825HN-ADJ/NOPB TI1-LM2825HN-ADJ/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825N-12 NSC-LM2825N-12 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com