Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2825N-50 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM2825N-50
Description  LM2825 Integrated Power Supply 1A DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2825N-50 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM2825N-50 Datasheet HTML 3Page - Texas Instruments LM2825N-50 Datasheet HTML 4Page - Texas Instruments LM2825N-50 Datasheet HTML 5Page - Texas Instruments LM2825N-50 Datasheet HTML 6Page - Texas Instruments LM2825N-50 Datasheet HTML 7Page - Texas Instruments LM2825N-50 Datasheet HTML 8Page - Texas Instruments LM2825N-50 Datasheet HTML 9Page - Texas Instruments LM2825N-50 Datasheet HTML 10Page - Texas Instruments LM2825N-50 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
LM2825
www.ti.com
SNVS127C – MAY 1997 – REVISED APRIL 2013
Typical Performance Characteristics (continued)
(Circuits of Figure 17 and Figure 18) Unless otherwise specified, VIN = 12V for 3.3V, 5.0V and ADJ versions, VIN = 24V for
12V and H-ADJ versions, ILOAD = 100 mA, TA = 25°C
Operating Quiescent Current
Shutdown Quiescent Current
Figure 8.
Figure 9.
Switching Frequency
Soft-start
Figure 10.
Figure 11.
Shutdown/Soft-start Current
Soft-start Response
Figure 12.
Figure 13.
Copyright © 1997–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM2825


Similar Part No. - LM2825N-50

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2825N-5.0 NSC-LM2825N-5.0 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825N-5.0/NOPB TI1-LM2825N-5.0/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
More results

Similar Description - LM2825N-50

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com