Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2750 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM2750
Description  LM2750 Low Noise Switched Capacitor Boost Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM2750 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM2750 Datasheet HTML 6Page - Texas Instruments LM2750 Datasheet HTML 7Page - Texas Instruments LM2750 Datasheet HTML 8Page - Texas Instruments LM2750 Datasheet HTML 9Page - Texas Instruments LM2750 Datasheet HTML 10Page - Texas Instruments LM2750 Datasheet HTML 11Page - Texas Instruments LM2750 Datasheet HTML 12Page - Texas Instruments LM2750 Datasheet HTML 13Page - Texas Instruments LM2750 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
VOUT
VIN
VIN
2.7V to 5.6V*
GND
LM2750-ADJ
CIN
2.2 PF
COUT
2.2 PF
8, 9
1, 2
5, 6, DAP
Capacitors: 1.0PF - TDK C1608X5R1A105K
2.2PF - TDK C2012X7R1A225K
VOUT = 1.23V × (1 + R1/R2)
VOUT Range: 3.8V to 5.2V
IOUT up to 120mA
CAP+
CAP-
CFLY
1 PF
10
7
SD
4
FB
3
R1
R2
For VOUT < 4.9V:
max VIN= VOUT + 0.7V
LM2750
SNVS180L – APRIL 2002 – REVISED MAY 2013
www.ti.com
THERMAL SHUTDOWN
The LM2750 implements a thermal shutdown mechanism to protect the device from damage due to overheating.
When the junction temperature rises to 150ºC (typ.), the part switches into shutdown mode. The LM2750
releases thermal shutdown when the junction temperature of the part is reduced to 130ºC (typ.).
Thermal shutdown is most-often triggered by self-heating, which occurs when there is excessive power
dissipation in the device and/or insufficient thermal dissipation. LM2750 power dissipation increases with
increased output current and input voltage (see POWER EFFICIENCY AND POWER DISSIPATION section).
When self-heating brings on thermal shutdown, thermal cycling is the typical result. Thermal cycling is the
repeating process where the part self-heats, enters thermal shutdown (where internal power dissipation is
practically zero), cools, turns-on, and then heats up again to the thermal shutdown threshold. Thermal cycling is
recognized by a pulsing output voltage and can be stopped be reducing the internal power dissipation (reduce
input voltage and/or output current) or the ambient temperature. If thermal cycling occurs under desired operating
conditions, thermal dissipation performance must be improved to accommodate the power dissipation of the
LM2750. Fortunately, the WSON package has excellent thermal properties that, when soldered to a PCB
designed to aid thermal dissipation, allows the LM2750 to operate under very demanding power dissipation
conditions.
OUTPUT CURRENT LIMITING
The LM2750 contains current limit circuitry that protects the device in the event of excessive output current
and/or output shorts to ground. Current is limited to 300mA (typ.) when the output is shorted directly to ground.
When the LM2750 is current limiting, power dissipation in the device is likely to be quite high. In this event,
thermal cycling should be expected (see THERMAL SHUTDOWN section).
PROGRAMMING THE OUTPUT VOLTAGE OF THE LM2750-ADJ
As shown in the application circuit of Figure 14, the output voltage of the LM2750-ADJ can be programmed with
a simple resistor divider (see resistors R1 and R2). The values of the feedback resistors set the output voltage,
as determined by the following equation:
VOUT = 1.23V × (1 + R1/ R2)
In the equation above, the "1.23V" term is the nominal voltage of the feedback pin when the feedback loop is
correctly established and the part is operating normally. The sum of the resistance of the two feedback resistors
should be between 15k
Ω and 20kΩ:
15k
Ω < (R1 + R2) < 20kΩ
If larger feedback resistors are desired, a 10pF capacitor should be placed in parallel with resistor R1.
Figure 14. LM2750-ADJ Typical Application Circuit
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2750


Similar Part No. - LM2750

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2750 NSC-LM2750 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750-ADJ TI1-LM2750-ADJ Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
370Kb / 15P
   Low Noise, 5.0V Regulated Switched Capacitor Voltage Converter
LM2750LD-5.0 NSC-LM2750LD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
More results

Similar Description - LM2750

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2750 TI-LM2750_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
LM2750SDX TI-LM2750SDX Datasheet
1Mb / 24P
[Old version datasheet]   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
National Semiconductor ...
LM2750SD-5.0 NSC-LM2750SD-5.0 Datasheet
742Kb / 16P
   LM2750 Low Noise Switched Capacitor Boost Regulator
logo
Texas Instruments
LM2750 TI1-LM2750 Datasheet
1Mb / 29P
[Old version datasheet]   LM2750 Low-Noise Switched-Capacitor Boost Regulator
logo
National Semiconductor ...
LM2787 NSC-LM2787 Datasheet
214Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
LM2687 NSC-LM2687 Datasheet
222Kb / 8P
   Low Noise Regulated Switched Capacitor Voltage
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
   Low Noise, Switched Capacitor Regulated Voltage Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com