Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7302BR Datasheet(PDF) 8 Page - Analog Devices

Part # AD7302BR
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302BR Datasheet(HTML) 8 Page - Analog Devices

Back Button AD7302BR Datasheet HTML 4Page - Analog Devices AD7302BR Datasheet HTML 5Page - Analog Devices AD7302BR Datasheet HTML 6Page - Analog Devices AD7302BR Datasheet HTML 7Page - Analog Devices AD7302BR Datasheet HTML 8Page - Analog Devices AD7302BR Datasheet HTML 9Page - Analog Devices AD7302BR Datasheet HTML 10Page - Analog Devices AD7302BR Datasheet HTML 11Page - Analog Devices AD7302BR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD7302
–8–
REV. 0
1
2
VOB
M20.0ms
VOA
VDD
3
CH1
CH3
5.00V
5.00V
CH2
5.00V
CH1
T
T
T
Figure 11. Power-On—RESET
INPUT CODE (10 to 245)
0
256
32
64
96
128 160
192
224
DAC B
DAC A
VDD = 5V
INTERNAL REFERENCE
5k
Ω 100pf. LOAD
LIMITED CODE RANGE (10–245)
TA = +25°C
–0.5
0.4
0.1
–0.1
–0.3
–0.4
0.3
0.2
0
–0.2
0.5
Figure 14. Integral Linearity Plot
–25
4
0
7
6
2
1
5
3
8
9
10
–50
0
25
50
75
100
125
TEMPERATURE – C
DAC A
DAC B
VDD = 2.7 TO 5.5V
DAC LOADED WITH ALL ZEROES
INTERNAL REFERENCE
Figure 12. Zero Code Error vs.
Temperature
VDD = 5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 15. Typical INL vs. Temperature
2
1
WR
VOUT
VDD = 5V
INTERNAL VOLTAGE
REFERENCE
10 LSB STEP CHANGE
TA = +25 C
CH1 5.00V, CH2 50.0mV, M 250ns
Figure 13. Small-Scale Settling Time
VDD = 5V
INTERNAL REFERENCE
0.5
0.4
0.3
0.2
0.1
0
–0.1
–0.2
–0.3
–0.4
–0.5
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
Figure 16. Typical DNL vs. Temperature
VDD = 5V
0.6
0.4
0.2
0
–60 –40 –20
0
20
40
60
80 100 120 140
TEMPERATURE – C
0.8
1.0
Figure 17. Typical Internal Reference
Error vs. Temperature
TEMPERATURE – C
0
–50
–25
0
100
125
VDD = 5V
LOGIC INPUTS = VDD OR GND
100
200
300
400
500
600
700
800
900
1000
25
50
75
Figure 18. Power-Down Current vs.
Temperature


Similar Part No. - AD7302BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BR AD-AD7302BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BR AD-AD7302BR Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRU AD-AD7302BRU Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRU AD-AD7302BRU Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7302BR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com