Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7302BN Datasheet(PDF) 3 Page - Analog Devices

Part # AD7302BN
Description  2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7302BN Datasheet(HTML) 3 Page - Analog Devices

  AD7302BN Datasheet HTML 1Page - Analog Devices AD7302BN Datasheet HTML 2Page - Analog Devices AD7302BN Datasheet HTML 3Page - Analog Devices AD7302BN Datasheet HTML 4Page - Analog Devices AD7302BN Datasheet HTML 5Page - Analog Devices AD7302BN Datasheet HTML 6Page - Analog Devices AD7302BN Datasheet HTML 7Page - Analog Devices AD7302BN Datasheet HTML 8Page - Analog Devices AD7302BN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
AD7302
–3–
REV. 0
TIMING CHARACTERISTICS1, 2
Limit at TMIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
t1
0
ns min
Address to Write Setup Time
t2
0
ns min
Address Valid to Write Hold Time
t3
0
ns min
Chip Select to Write Setup Time
t4
0
ns min
Chip Select to Write Hold Time
t5
20
ns min
Write Pulse Width
t6
15
ns min
Data Setup Time
t7
4.5
ns min
Data Hold Time
t8
20
ns min
Write to
LDAC Setup Time
t9
20
ns min
LDAC Pulse Width
t10
20
ns min
CLR Pulse Width
NOTES
1Sample tested at +25
°C to ensure compliance. All input signals are specified with tr = tf = 5 ns (10% to 90% of V
DD) and timed from a voltage level of
(VIL + VIH)/2. tr and tf should not exceed 1 µs on any digital input.
2See Figure 1.
A/B
CS
WR
D7–D0
LDAC
CLR
t1
t2
t4
t3
t5
t6
t7
t8
t10
t9
Figure 1. Timing Diagram for Parallel Data Write
(VDD = +2.7 V to +5.5 V; GND = 0 V; Reference = Internal VDD/2 Reference;
all specifications TMIN to TMAX unless otherwise noted)


Similar Part No. - AD7302BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BN AD-AD7302BN Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BN AD-AD7302BN Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results

Similar Description - AD7302BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801 Datasheet
219Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRUZ AD-AD7801BRUZ Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801BRZ-REEL AD-AD7801BRZ-REEL Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7801 AD-AD7801_15 Datasheet
222Kb / 16P
   2.7 V to 5.5 V, Parallel Input, Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com