Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7231ADWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7231ADWG4
Description  One Megabit per Second Triple Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADWG4 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7231ADWG4 Datasheet HTML 1Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 2Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 3Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 4Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 5Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 6Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 7Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 8Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
Not Recommended for New Designs
ISO7230A
ISO7231A
www.ti.com
SLLS906C
– MAY 2008 – REVISED JUNE 2011
ABSOLUTE MAXIMUM RATINGS
(1)
VALUE
UNIT
VCC
Supply voltage(2), VCC1, VCC2
–0.5 to 6
V
VI
Voltage at IN, OUT, EN
–0.5 to 6
V
IO
Output current
±15
mA
Human Body Model
JEDEC Standard 22, Test Method A114-C.01
±4
kV
Electrostatic Field-Induced-Charged Device
ESD
JEDEC Standard 22, Test Method C101
All pins
±1
discharge
Model
Machine Model
ANSI/ESDS5.2-1996
±200
V
TJ
Maximum junction temperature
170
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal and are peak voltage values.
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC
Supply voltage(1), VCC1, VCC2
3.15
5.5
V
IOH
High-level output current
–4
mA
IOL
Low-level output current
4
mA
tui
Input pulse width
1
μs
1/tui
Signaling rate
0
1500(2)
1000
kbps
VIH
High-level input voltage (IN) (EN on all devices)
2
VCC
V
VIL
Low-level input voltage (IN) (EN on all devices)
0
0.8
TJ
Junction temperature
150
°C
External magnetic field-strength immunity per IEC 61000-4-8 and IEC 61000-4-9
H
1000
A/m
certification
(1)
For the 5V operation, VCC1 or VCC2 is specified from 4.5V to 5.5V.
For the 3V operation, VCC1 or VCC2 is specified from 3.15V to 3.6V.
(2)
Typical signaling rate under ideal conditions at 25
°C.
Copyright
© 2008–2011, Texas Instruments Incorporated
3


Similar Part No. - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231ADW TI-ISO7231ADW Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
ISO7231ADWR TI-ISO7231ADWR Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
More results

Similar Description - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com