Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7231ADWG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7231ADWG4
Description  One Megabit per Second Triple Digital Isolators
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7231ADWG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7231ADWG4 Datasheet HTML 3Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 4Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 5Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 6Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 7Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 8Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 9Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 10Page - Texas Instruments ISO7231ADWG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
Not Recommended for New Designs
ISO7230A
ISO7231A
www.ti.com
SLLS906C
– MAY 2008 – REVISED JUNE 2011
ELECTRICAL CHARACTERISTICS: VCC1 and VCC2 at 3.3V
(1) OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
Quiescent
0.5
1
VI = VCC or 0 V, all channels, no load,
ISO7230A
mA
EN2 at 3V
1 Mbps
1
2
ICC1
Quiescent
4.5
7
VI = VCC or 0V, all channels, no load,
ISO7231A
mA
EN1 at 3V, EN2 at 3V
1 Mbps
4.5
7
Quiescent
9
15
VI = VCC or 0V, all channels, no load,
ISO7230A
mA
EN2 at 3V
1 Mbps
9.5
15
ICC2
Quiescent
8
12
VI = VCC or 0V, all channels, no load,
ISO7231A
mA
EN1 at 3V, EN2 at 3V
1 Mbps
8
12
ELECTRICAL CHARACTERISTICS
IOFF
Sleep mode output current
EN at 0V, single channel
0
μA
IOH = –4mA, See Figure 1
VCC – 0.4
VOH
High-level output voltage
V
IOH = –20μA, See Figure 1
VCC – 0.1
IOL = 4mA, See Figure 1
0.4
VOL
Low-level output voltage
V
IOL = 20μA, See Figure 1
0.1
VI(HYS)
Input voltage hysteresis
150
mV
IIH
High-level input current
10
IN from 0V or VCC
μA
IIL
Low-level input current
–10
CI
Input capacitance to ground
IN at VCC, VI = 0.4 sin (4E6πt)
2
pF
CMTI
Common-mode transient immunity
VI = VCC or 0V, See Figure 4
25
50
kV/
μs
(1)
For 5V operation, VCC1 or VCC2 is specified from 4.5V to 5.5V.
For 3V operation, VCC1 or VCC2 is specified from 3.15V to 3.6V.
SWITCHING CHARACTERISTICS: VCC1 and VCC2 at 3.3-V OPERATION
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
45
110
ISO723xA
See Figure 1
ns
PWD
Pulse-width distortion(1) |tPHL – tPLH|
12
tsk(o)
Channel-to-channel output skew (2)
ISO723xA
0
3
ns
tr
Output signal rise time
2
See Figure 1
ns
tf
Output signal fall time
2
tPHZ
Propagation delay, high-level-to-high-impedance output
15
20
tPZH
Propagation delay, high-impedance-to-high-level output
15
20
See Figure 2
ns
tPLZ
Propagation delay, low-level-to-high-impedance output
15
20
tPZL
Propagation delay, high-impedance-to-low-level output
15
20
tfs
Failsafe output delay time from input power loss
See Figure 3
18
μs
(1)
Also referred to as pulse skew.
(2)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
Copyright
© 2008–2011, Texas Instruments Incorporated
7


Similar Part No. - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7231ADW TI-ISO7231ADW Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
ISO7231ADWR TI-ISO7231ADWR Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
More results

Similar Description - ISO7231ADWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7230A TI-ISO7230A Datasheet
746Kb / 17P
[Old version datasheet]   One Megabit per Second Triple Digital Isolators
logo
Analog Devices
ADUM1300 AD-ADUM1300 Datasheet
713Kb / 20P
   Triple-Channel Digital Isolators
REV. C
ADUM1310 AD-ADUM1310_07 Datasheet
546Kb / 20P
   Triple-Channel Digital Isolators
Rev. F
ADUM1300 AD-ADUM1300_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
ADUM1301 AD-ADUM1301_15 Datasheet
545Kb / 32P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1310 AD-ADUM1310_08 Datasheet
590Kb / 24P
   Triple-Channel Digital Isolators
Rev. G
ADUM1311 AD-ADUM1311_15 Datasheet
410Kb / 24P
   Triple-Channel Digital Isolators
Rev. J
ADUM1301ARWZ-RL AD-ADUM1301ARWZ-RL Datasheet
453Kb / 32P
   Triple-Channel Digital Isolators
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com