Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADV7622BSTZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADV7622BSTZ
Description  HDMI Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7622BSTZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADV7622BSTZ Datasheet HTML 4Page - Analog Devices ADV7622BSTZ Datasheet HTML 5Page - Analog Devices ADV7622BSTZ Datasheet HTML 6Page - Analog Devices ADV7622BSTZ Datasheet HTML 7Page - Analog Devices ADV7622BSTZ Datasheet HTML 8Page - Analog Devices ADV7622BSTZ Datasheet HTML 9Page - Analog Devices ADV7622BSTZ Datasheet HTML 10Page - Analog Devices ADV7622BSTZ Datasheet HTML 11Page - Analog Devices ADV7622BSTZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADV7622
Data Sheet
Rev. D | Page 8 of 16
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
CVDD to GND
2.2 V
DVDD to GND
2.2 V
PVDD to GND
2.2 V
DVDDIO to GND
4.0 V
TVDD to GND
4.0 V
TXAVDD to GND
2.2 V
TXPVDD to GND
2.2 V
TXPLVDD to GND
2.2 V
Digital Inputs Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
up to a maximum of 4.0 V
5 V Tolerant Digital Inputs to GND1
5.5 V
Digital Output Voltage to GND
GND − 0.3 V to DVDDIO + 0.3 V
up to a maximum of 4.0 V
XTAL, XTAL1 Pins
−0.3 V to PVDD to +0.3 V
Maximum Junction Temperature
(TJ MAX)
125°C
Storage Temperature
150°C
Infrared Reflow, Soldering (20 sec)
260°C
1 The following inputs are 3.3 V inputs but are 5 V tolerant: DDCA_SCL,
DDCA_SDA, DDCB_SCL, DDCB_SDA, DDCC_SCL, DDCC_SDA, DDCD_SCL,
DDCD_SDA, TXDDC_SDA, TXDDC_SCL, HP_CTRLA, HP_CTRLB, HP_CTRLC,
HP_CTRLD, HPD_ARC−, 5V_DETA, 5V_DETB, 5V_DETC, 5V_DETD, PWRDN,
CEC, ARC+.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
PACKAGE THERMAL PERFORMANCE
To reduce power consumption when using the ADV7622, turn
off the unused sections of the part.
Due to printed circuit board (PCB) metal variation and, thus,
variation in PCB heat conductivity, the value of θJA may differ
for various PCBs.
The most efficient measurement solution is obtained using the
package surface temperature to estimate the die temperature
because this eliminates the variance associated with the θJA value.
The maximum junction temperature (TJ MAX) of 125°C must not
be exceeded. The following equation calculates the junction
temperature using the measured package surface temperature
and applies only when no heat sink is used on the DUT:
TJ = TS + (ΨJT × WTOTAL)
where:
TS = the package surface temperature (°C).
ΨJT = 0.6°C/W for a 144-ball LQFP.
WTOTAL = ((CVDD × ICVDD) + (DVDD × IDVDD) +
(PVDD × IPVDD) + (DVDDIO × IDVDDIO) +
(0.7 × TVDD × ITVDD) + (TXAVDD × ITXAVDD) +
(TXPVDD × ITXPVDD) + (TXPLVDD × ITXPLVDD))
Note that for WTOTAL, 5% of TVDD power is dissipated on the
part itself.
ESD CAUTION


Similar Part No. - ADV7622BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P AD-ADV7623BSTZ-P Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-P-RL AD-ADV7623BSTZ-P-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7623BSTZ-RL AD-ADV7623BSTZ-RL Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
More results

Similar Description - ADV7622BSTZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7623BSTZ AD-ADV7623BSTZ Datasheet
271Kb / 16P
   HDMI Transceiver with Fast Port Switching
REV. D
ADV7671 AD-ADV7671 Datasheet
94Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
logo
Advantech Co., Ltd.
VEGA-1000 ADVANTECH-VEGA-1000 Datasheet
308Kb / 2P
   Bi-directional HDMI 2.0 Transceiver Extender
8-Dec-2022
logo
Analog Devices
ADV7623 AD-ADV7623 Datasheet
76Kb / 2P
   HDMI Transceiver with Fast Port Switching
Rev. SpA
ADV7674 AD-ADV7674 Datasheet
97Kb / 2P
   48 Gbps HDMI 4:1 Transceiver
Rev. Sp0
ADV7671A AD-ADV7671A Datasheet
95Kb / 2P
   48 Gbps HDMI 1:1 Transceiver
Rev. Sp0
ADV7625 AD-ADV7625 Datasheet
412Kb / 24P
   3 GHz HDMI 5:2 Crosspoint Transceiver
ADV7626 AD-ADV7626 Datasheet
386Kb / 24P
   3 GHz HDMI 2:2 Crosspoint Transceiver
ADV7672 AD-ADV7672 Datasheet
70Kb / 2P
   40 Gbps HDMI 2:2 Crosspoint Transceiver
logo
Advantech Co., Ltd.
VEGA-1100 ADVANTECH-VEGA-1100 Datasheet
324Kb / 2P
   HDMI 2.0 over IP Multicast Transceiver System
8-Dec-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com