Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7141FCCDBQ Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7141FCCDBQ
Description  4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7141FCCDBQ Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7141FCCDBQ Datasheet HTML 5Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 6Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 7Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 8Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 9Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 10Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 11Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 12Page - Texas Instruments ISO7141FCCDBQ Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
ISO7131CC, ISO7140CC, ISO7140FCC
ISO7141CC, ISO7141FCC
www.ti.com
SLLSE83E – APRIL 2013 – REVISED SEPTEMBER 2013
SUPPLY CURRENT
VCC1 and VCC2 at 2.7 V (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7131
ICC1
1.2
2.4
Disable
EN1 = EN2 = 0 V
ICC2
2.3
3.3
ICC1
1.2
2.4
DC to 1 Mbps
ICC2
2.3
3.3
ICC1
2.1
3
10 Mbps
mA
DC signal: VI = VCC or 0 V
ICC2
2.9
4
AC signal: All channels switching with square-wave
ICC1
3
3.8
clock input; CL = 15 pF
25 Mbps
ICC2
4
5.2
ICC1
4.2
5.3
40 Mbps
ICC2
5.8
7
ISO7140
ICC1
0.2
0.4
Disable
EN = 0 V
ICC2
3.2
4.7
ICC1
0.2
0.5
DC to 1 Mbps
ICC2
3.4
4.8
ICC1
0.6
1
10 Mbps
mA
DC signal: VI = VCC or 0 V,
ICC2
4.5
6.3
AC signal: All channels switching with square-wave
ICC1
1.2
1.8
clock input; CL = 15 pF
25 Mbps
ICC2
6.2
8
ICC1
1.8
2.6
40 Mbps
ICC2
8
11
ISO7141
ICC1
1.6
2.6
Disable
EN1 = EN2 = 0 V
ICC2
2.8
4.1
ICC1
1.6
2.6
DC to 1 Mbps
ICC2
2.8
4.1
ICC1
2.3
3.2
10 Mbps
mA
DC signal: VI = VCC or 0 V,
ICC2
3.8
5
AC signal: All channels switching with square-wave
ICC1
3.3
4.2
clock input; CL = 15 pF
25 Mbps
ICC2
5.4
6.8
ICC1
4.3
5.8
40 Mbps
ICC2
6.9
9.2
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: ISO7131CC ISO7140CC ISO7140FCC ISO7141CC ISO7141FCC


Similar Part No. - ISO7141FCCDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7141FCCDBQ TI1-ISO7141FCCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQ TI-ISO7141FCCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI1-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
More results

Similar Description - ISO7141FCCDBQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7141FCCDBQR TI-ISO7141FCCDBQR Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CCDBQ TI1-ISO7131CCDBQ Datasheet
415Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7131CC TI1-ISO7131CC Datasheet
546Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7140FCC TI1-ISO7140FCC Datasheet
488Kb / 22P
[Old version datasheet]   4242-VPK Small-Footprint and Low-Power Triple and Quad Channels Digital Isolators
ISO7631FM TI1-ISO7631FM_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Power Triple and Quad-Channels Digital Isolators
ISO7631FM TI-ISO7631FM Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Triple and Quad Channels Digital Isolators
ISO7142CC TI-ISO7142CC_15 Datasheet
954Kb / 26P
[Old version datasheet]   VPK Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7640FM TI1-ISO7640FM Datasheet
956Kb / 29P
[Old version datasheet]   Low Power Quad Channels Digital Isolators
ISO7142CC-Q1 TI1-ISO7142CC-Q1 Datasheet
998Kb / 26P
[Old version datasheet]   Small-Footprint and Low-Power Quad Channel Digital Isolator
ISO7831 TI1-ISO7831_16 Datasheet
1Mb / 37P
[Old version datasheet]   High-Performance, 8000-VPK Reinforced Triple Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com