Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV048A Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV048A
Description  DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV048A Datasheet(HTML) 1 Page - Texas Instruments

  DS90LV048A Datasheet HTML 1Page - Texas Instruments DS90LV048A Datasheet HTML 2Page - Texas Instruments DS90LV048A Datasheet HTML 3Page - Texas Instruments DS90LV048A Datasheet HTML 4Page - Texas Instruments DS90LV048A Datasheet HTML 5Page - Texas Instruments DS90LV048A Datasheet HTML 6Page - Texas Instruments DS90LV048A Datasheet HTML 7Page - Texas Instruments DS90LV048A Datasheet HTML 8Page - Texas Instruments DS90LV048A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
DS90LV048A
www.ti.com
SNLS045B – JULY 1999 – REVISED APRIL 2013
DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
Check for Samples: DS90LV048A
1
FEATURES
DESCRIPTION
The DS90LV048A is a quad CMOS flow-through
2
>400 Mbps (200 MHz) Switching Rates
differential line receiver designed for applications
Flow-Through Pinout Simplifies PCB Layout
requiring ultra low power dissipation and high data
150 ps Channel-to-Channel Skew (Typical)
rates. The device is designed to support data rates in
excess of 400 Mbps (200 MHz) utilizing Low Voltage
100 ps Differential Skew (Typical)
Differential Signaling (LVDS) technology.
2.7 ns Maximum Propagation Delay
The DS90LV048A accepts low voltage (350 mV
3.3V Power Supply Design
typical) differential input signals and translates them
High Impedance LVDS Inputs on Power Down
to 3V CMOS output levels. The receiver supports a
Low Power Design (40mW @ 3.3V Static)
TRI-STATE function that may be used to multiplex
outputs. The receiver also supports open, shorted
Interoperable with Existing 5V LVDS Drivers
and terminated (100
Ω) input fail-safe. The receiver
Accepts Small Swing (350 mV Typical)
output will be HIGH for all fail-safe conditions. The
Differential Signal Levels
DS90LV048A has a flow-through pinout for easy PCB
Supports Open, Short and Terminated Input
layout.
Fail-Safe
The EN and EN* inputs are ANDed together and
0V to
−100mV Threshold Region
control the TRI-STATE outputs. The enables are
common to all four receivers. The DS90LV048A and
Conforms to ANSI/TIA/EIA-644 Standard
companion LVDS line driver (eg. DS90LV047A)
Industrial Temperature Operating Range (-40°C
provide a new alternative to high power PECL/ECL
to +85°C)
devices
for
high
speed
point-to-point
interface
Available in SOIC and TSSOP Package
applications.
Connection Diagram
Order Number DS90LV048ATM, DS90LV048ATMTC
D0016A, PW0016A Packages
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A NSC-DS90LV048A Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   A quad CMOS flow-through differential line receiver designde for applications requiring ultra low power dissipation and high data rates.
DS90LV048A TI-DS90LV048A Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
DS90LV048A TI1-DS90LV048A Datasheet
1Mb / 25P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Driver
More results

Similar Description - DS90LV048A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV048ATMTCX TI-DS90LV048ATMTCX Datasheet
1Mb / 20P
[Old version datasheet]   DS90LV048A 3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A Datasheet
245Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV032A NSC-DS90LV032A Datasheet
192Kb / 9P
   3V LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML Datasheet
269Kb / 14P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
5962-9865201QFA TI1-5962-9865201QFA Datasheet
433Kb / 16P
[Old version datasheet]   DS90LV032AQML 3V LVDS Quad CMOS Differential Line Receiver
DS90LV032ATM TI1-DS90LV032ATM Datasheet
975Kb / 18P
[Old version datasheet]   DS90LV032A 3V LVDS Quad CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com