Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV012A Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # DS90LV012A
Description  DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS90LV012A Datasheet(HTML) 10 Page - Texas Instruments

Back Button DS90LV012A Datasheet HTML 6Page - Texas Instruments DS90LV012A Datasheet HTML 7Page - Texas Instruments DS90LV012A Datasheet HTML 8Page - Texas Instruments DS90LV012A Datasheet HTML 9Page - Texas Instruments DS90LV012A Datasheet HTML 10Page - Texas Instruments DS90LV012A Datasheet HTML 11Page - Texas Instruments DS90LV012A Datasheet HTML 12Page - Texas Instruments DS90LV012A Datasheet HTML 13Page - Texas Instruments DS90LV012A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS90LT012A, DS90LV012A
SNLS141D – AUGUST 2002 – REVISED APRIL 2013
www.ti.com
Pin Functions
Pin Descriptions
Package Pin Number
Pin Name
Description
SOT-23
WSON
4
1
IN
Inverting receiver input pin
3
3
IN+
Non-inverting receiver input pin
5
8
TTL OUT
Receiver output pin
1
6
VDD
Power supply pin, +3.3V ± 0.3V
2
2, 7
GND
Ground pin
4, 5
NC
No connect
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: DS90LT012A DS90LV012A


Similar Part No. - DS90LV012A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV012A TI1-DS90LV012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LV012A TI1-DS90LV012A Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV012AMDC TI1-DS90LV012AMDC Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV012ATLD NSC-DS90LV012ATLD Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV012ATMFX TI1-DS90LV012ATMFX Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV012A NSC-DS90LV012A Datasheet
162Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com